Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDT86244 Datasheet (PDF) - Skyworks Solutions Inc.

FDT86244 Datasheet PDF - Skyworks Solutions Inc.
Part # FDT86244
Download  FDT86244 Download

File Size   1233.4 Kbytes
Page   59 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description SINGLE-CHIP DUAL PROSLIC®

FDT86244 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDT86244 Datasheet PDF - Skyworks Solutions Inc.

Part # FDT86244
Download  FDT86244 Click to download

File Size   1233.4 Kbytes
Page   59 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description SINGLE-CHIP DUAL PROSLIC®

FDT86244 Datasheet (HTML) - Skyworks Solutions Inc.

Back Button FDT86244 Datasheet HTML 1Page - Skyworks Solutions Inc. FDT86244 Datasheet HTML 2Page - Skyworks Solutions Inc. FDT86244 Datasheet HTML 3Page - Skyworks Solutions Inc. FDT86244 Datasheet HTML 4Page - Skyworks Solutions Inc. FDT86244 Datasheet HTML 5Page - Skyworks Solutions Inc. FDT86244 Datasheet HTML 6Page - Skyworks Solutions Inc. FDT86244 Datasheet HTML 7Page - Skyworks Solutions Inc. FDT86244 Datasheet HTML 8Page - Skyworks Solutions Inc. FDT86244 Datasheet HTML 9Page - Skyworks Solutions Inc. FDT86244 Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button 

FDT86244 Product details

Si32260/1 Features
 Two complete FXS channels in a single
6 x 8 mm or 8 x 8 mm package
 Performs all BORSCHT functions
 Ideal for short- or long-loop applications
 Ultra low power consumption
 Internal balanced or unbalanced ringing
 Patented low power ringing
 Adaptive ringing
 Simplified configuration and diagnostics
Supported by ProSLIC API
GR-909 loop diagnostics
Audio diagnostics with loopback
Integrated test load
 Wideband voice support
 On-hook transmission
 Loop or ground start operation
 Smooth polarity reversal
 Pulse metering
 PCM and SPI bus digital interfaces with
programmable interrupts
 Software-programmable parameters:
Ringing frequency, amplitude,
cadence, and waveshape
Two-wire ac impedance
Transhybrid balance
DC current loop feed (10–45 mA)
Loop closure and ring trip thresholds
Ground key detect threshold
 Integrated dc-dc controllers with direct
connection to MOSFET
 Three high voltage supply options
Full tracking
Tracking shared supplies
Fixed rail
 DTMF generator/decoder
 A-Law/μ-Law companding, linear PCM
 GCI/IOM-2 mode support
 3.3 V operation
 Pb-free/RoHS-compliant packaging




Similar Part No. - FDT86244

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDT86244 FAIRCHILD-FDT86244 Datasheet
239Kb / 6P
   N-Channel Power Trench MOSFET
logo
Guangdong Kexin Industr...
FDT86244 KEXIN-FDT86244 Datasheet
2Mb / 5P
   N-Channel Enhancement MOSFET
logo
Skyworks Solutions Inc.
FDT86244 SKYWORKS-FDT86244 Datasheet
653Kb / 47P
   PROSLIC® SINGLE-CHIP FXS SOLUTION
Rev. 1.1 August 31, 2021
More results


Similar Description - FDT86244

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI3228X SKYWORKS-SI3228X Datasheet
1Mb / 42P
   ProSLIC® Single-Chip Dual FXS Solution
Rev. 1.0 August 11, 2021
SI3229X SKYWORKS-SI3229X Datasheet
1Mb / 43P
   ProSLIC® Single-Chip Dual FXS Solution
Rev. 1.1 July 26, 2021
SI3217X-C SKYWORKS-SI3217X-C Datasheet
653Kb / 47P
   PROSLIC® SINGLE-CHIP FXS SOLUTION
Rev. 1.1 August 31, 2021
logo
Silicon Laboratories
SI32260 SILABS-SI32260 Datasheet
102Kb / 3P
   Single-Chip Dual ProSLIC
logo
Skyworks Solutions Inc.
SI3219X SKYWORKS-SI3219X Datasheet
1Mb / 32P
   ProSLIC® Single FXS Solution
Rev. 1.0 October 6, 2021
SI3218X SKYWORKS-SI3218X Datasheet
1Mb / 43P
   ProSLIC® Single-Channel FXS Solutions
Rev. 1.0 October 6, 2021
SI3217XB SKYWORKS-SI3217XB Datasheet
1Mb / 50P
   PROSLIC® SINGLE-CHIP FXS SOLUTION WITH FXO OPTION
Rev. 1.5 August 12, 2021
SI32172 SKYWORKS-SI32172 Datasheet
616Kb / 46P
   PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
Rev. 1.0 August 31, 2021
logo
Silicon Laboratories
SI32178-B-FM SILABS-SI32178-B-FM Datasheet
91Kb / 2P
   ProSLIC Single-Chip FXS Solution with FXO Option
SI3220PPT-EVB SILABS-SI3220PPT-EVB Datasheet
777Kb / 16P
   EVALUATION BOARD FOR THE Si3220 DUAL PROSLIC
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com