Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3840DL44DBVRQ1 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS3840DL44DBVRQ1 Datasheet PDF - Texas Instruments
Part # TPS3840DL44DBVRQ1
Download  TPS3840DL44DBVRQ1 Download

File Size   1694.58 Kbytes
Page   37 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS3840-Q1 Automotive Nano IQ Voltage Supervisor With MR and Programmable Delay

TPS3840DL44DBVRQ1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS3840DL44DBVRQ1 Datasheet PDF - Texas Instruments

Part # TPS3840DL44DBVRQ1
Download  TPS3840DL44DBVRQ1 Click to download

File Size   1694.58 Kbytes
Page   37 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS3840-Q1 Automotive Nano IQ Voltage Supervisor With MR and Programmable Delay

TPS3840DL44DBVRQ1 Datasheet (HTML) - Texas Instruments

Back Button TPS3840DL44DBVRQ1 Datasheet HTML 1Page - Texas Instruments TPS3840DL44DBVRQ1 Datasheet HTML 2Page - Texas Instruments TPS3840DL44DBVRQ1 Datasheet HTML 3Page - Texas Instruments TPS3840DL44DBVRQ1 Datasheet HTML 4Page - Texas Instruments TPS3840DL44DBVRQ1 Datasheet HTML 5Page - Texas Instruments TPS3840DL44DBVRQ1 Datasheet HTML 6Page - Texas Instruments TPS3840DL44DBVRQ1 Datasheet HTML 7Page - Texas Instruments TPS3840DL44DBVRQ1 Datasheet HTML 8Page - Texas Instruments TPS3840DL44DBVRQ1 Datasheet HTML 9Page - Texas Instruments TPS3840DL44DBVRQ1 Datasheet HTML 10Page - Texas Instruments Next Button 

TPS3840DL44DBVRQ1 Product details

1 Features
1• Qualified for automotive applications
• AEC-Q100 qualified with the following results:
– Device temperature grade 1: –40°C to +125°C
ambient operating temperature
– Device HBM ESD classification level 2
– Device CDM ESD classification level C7B
• Wide operating voltage : 1.5 V to 10 V
– Use external resistors to extend Vin range
• Nano supply current : 350 nA (Typ), 700 nA (Max)
• Fixed threshold voltage (VIT-)
– Threshold from 1.6 V to 4.9 V in 0.1-V steps
– High accuracy: 1% (Typ), 1.5% (Max)
– Built-in hysteresis (VIT+)
– 1.6 V < VIT- ≤ 3.0 V = 100 mV (typical)
– 3.1 V ≤ VIT- < 4.9 V = 200 mV (typical)
• Fast start-up delay (tSTRT): 350 μs (Max)
• Programmable capacitor-based reset time delay:
– tD: 50 μs (no capacitor) to 6.2 s (10-μF)
• Active-low manual reset (MR)
• Three output topologies:
– TPS3840DL-Q1: open-drain, active-low
(RESET)
– TPS3840PL-Q1: push-pull, active-low
(RESET)
– TPS3840PH-Q1: push-pull, active-high
(RESET)
• Package: 5-pin SOT-23 (DBV)

2 Applications
• Automotive head unit and cluster
• Automotive display, integrated cockpit and driver
monitoring
• Telematics control unit and emergency call

3 Description
The TPS3840-Q1 family of voltage supervisors or
reset ICs can operate at high voltage levels while
maintaining very low quiescent current across the
whole VDD and temperature range. TPS3840-Q1
offers best combination of low power consumption,
high accuracy and low propagation delay (tp_HL= 30
μs typical).
Reset output signal is asserted when the voltage at
VDD drops below the negative voltage threshold (VIT-)
or when manual reset is pulled to a low logic (VMR_L).
Reset signal is cleared when VDD rise above VIT- plus
hysteresis (VIT+) and manual reset (MR) is floating or
above VMR_H and the reset time delay (tD) expires.
Reset time delay can be programmed by connecting
a capacitor between CT pin and ground. For a fast
reset CT pin can be left floating.
Additional features: Low power-on reset voltage
(VPOR), built-in glitch immunity protection for MR and
VDD, built-in hysteresis, low open-drain output
leakage current (ILKG(OD)). TPS3840-Q1 is a perfect
voltage monitoring solution for automotive
applications and battery-powered / low power
applications.




Similar Part No. - TPS3840DL44DBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3840DL44DBVRQ1 TI1-TPS3840DL44DBVRQ1 Datasheet
1Mb / 35P
[Old version datasheet]   TPS3840-Q1 Automotive Nano IQ Voltage Supervisor With MR and Programmable Delay
TPS3840DL44DBVRQ1 TI1-TPS3840DL44DBVRQ1 Datasheet
1Mb / 37P
[Old version datasheet]   TPS3840-Q1 Automotive Nano IQ Voltage Supervisor With MR and Programmable Delay
More results


Similar Description - TPS3840DL44DBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3840-Q1 TI1-TPS3840-Q1_V02 Datasheet
1Mb / 35P
[Old version datasheet]   TPS3840-Q1 Automotive Nano IQ Voltage Supervisor With MR and Programmable Delay
TPS3840-Q1 TI1-TPS3840-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   TPS3840-Q1 Automotive Nano IQ Voltage Supervisor With MR and Programmable Delay
TPS3840 TI1-TPS3840_V03 Datasheet
1Mb / 44P
[Old version datasheet]   TPS3840 Nano Power, High Input Voltage Supervisor With MR and Programmable Delay
TPS3840 TI-TPS3840_V04 Datasheet
1Mb / 46P
[Old version datasheet]   TPS3840 Nano Power, High Input Voltage Supervisor With MR and Programmable Delay
JANUARY 2020
TPS3840 TI-TPS3840_V06 Datasheet
1Mb / 44P
[Old version datasheet]   TPS3840 Nano Power, High Input Voltage Supervisor With MR and Programmable Delay
REVISED JANUARY 2020
TPS3840 TI1-TPS3840_V02 Datasheet
1Mb / 40P
[Old version datasheet]   TPS3840 Nano Power, High Input Voltage Supervisor With MR and Programmable Delay
TPS3840 TI-TPS3840_V05 Datasheet
1Mb / 44P
[Old version datasheet]   TPS3840 Nano Power, High Input Voltage Supervisor With MR and Programmable Delay
REVISED JANUARY 2020
TPS3840 TI1-TPS3840 Datasheet
857Kb / 31P
[Old version datasheet]   Nano Power, High Input Voltage Supervisor With MR and Programmable Delay
TPS3840 TI1-TPS3840_V01 Datasheet
1Mb / 38P
[Old version datasheet]   Nano Power, High Input Voltage Supervisor With MR and Programmable Delay
TPS3840-Q1 TI1-TPS3840-Q1 Datasheet
987Kb / 34P
[Old version datasheet]   Nano Power, High Input Voltage Supervisor With MR and Programmable Delay
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com