Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2133096800 Datasheet (PDF) - Molex Electronics Ltd.

2133096800 Datasheet PDF - Molex Electronics Ltd.
Part # 2133096800
Download  2133096800 Download

File Size   20.59 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for DuraClik Robust 2.00mm Pitch Wire-to-Board Receptacle Crimp Termainals, 0.30mm² and 0.50mm² AVSS Wire

2133096800 Datasheet (PDF)

Go To PDF Page Download Datasheet
2133096800 Datasheet PDF - Molex Electronics Ltd.

Part # 2133096800
Download  2133096800 Click to download

File Size   20.59 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for DuraClik Robust 2.00mm Pitch Wire-to-Board Receptacle Crimp Termainals, 0.30mm² and 0.50mm² AVSS Wire

2133096800 Datasheet (HTML) - Molex Electronics Ltd.

2133096800 Datasheet HTML 1Page - Molex Electronics Ltd.

2133096800 Product details

General
Product Family Application Tooling
Series 207129
Comments See Tooling Specification (PDF) Above
Function Crimp
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information applicationtooling@molex.com
Overview Application Tooling
Product Name DuraClik
Taxonomy Crimp Presses and Crimp Hand T
Tool Type Hand Crimp Tool
UPC 195842820517
Warranty Disclaimer CAUTION: Molex tooling crimp specifications are
valid only when used with Molex terminals and tooling
manufactured by Molex and sold by Molex or authorized
distributors ("Molex Tooling"). When using tooling
other than Molex Tooling with Molex specific connector
systems listed in our ATS documents, the Molex tooling
qualification does not apply and the responsibility for
full qualification of the connector system is that of the
customer. Molex accepts no liability for connector
performance or tooling support where tooling other
than Molex Tooling is used or where Molex Tooling is
modified.




Similar Part No. - 2133096800

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2133096000 MOLEX-2133096000 Datasheet
33Kb / 1P
   Hand Crimp Tool for Mega-Fit Wire-to-Wire Crimp Terminals, 10 AWG
08/25/2022
2133096300 MOLEX-2133096300 Datasheet
28Kb / 1P
   Hand Crimp Tool for Ultra-Fit Tangless Crimp Terminals, 20-22 AWG
08/25/2022
2133096400 MOLEX-2133096400 Datasheet
1Mb / 8P
   Hand Crimp Tool for Dura-Clik ISL Terminals
08-04-21
2133096500 MOLEX-2133096500 Datasheet
21Kb / 1P
   Hand Crimp Tool for 1.20mm Pitch Pico-EZmate Crimp Terminals, 28-30 AWG
08/25/2022
2133096600 MOLEX-2133096600 Datasheet
21Kb / 1P
   Hand Crimp Tool for OneBlade 1.00mm Pitch Crimp Terminals, 28-30 AWG, UL1571 Wire
08/25/2022
More results


Similar Description - 2133096800

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2002181000 MOLEX-2002181000 Datasheet
20Kb / 1P
   Hand Crimp Tool for 3.30mm Pitch Plug and Receptacle Crimp Terminals, 0.30mm² and 0.50mm² AVSS Wires
08/25/2022
63823-5100 MOLEX11-63823-5100 Datasheet
51Kb / 1P
   Hand Crimp Tool for 2.00mm Pitch Wire-to-Board Crimp Terminal
63823-9800 MOLEX11-63823-9800 Datasheet
40Kb / 1P
   Hand Crimp Tool for 2.00mm Pitch Wire-to-Board Crimp Terminal
0638239800 MOLEX-0638239800 Datasheet
32Kb / 1P
   Hand Crimp Tool for 2.00mm Pitch Wire-to-Board Crimp Terminal
08/25/2022
ATS-6382778HM MOLEX-ATS-6382778HM Datasheet
1,014Kb / 7P
   Hand Crimp Tool for DuraClik??ISL Wire-to-Board Female Crimp Terminal
06-02-16
2002180800 MOLEX-2002180800 Datasheet
21Kb / 1P
   Hand Crimp Tool for Micro-Lock Plus 2.00mm Pitch Wire-to-Board Receptacle Terminals, 22-26 AWG, 0.30mm² AVSS wires
08/25/2022
63827-4600 MOLEX-63827-4600 Datasheet
603Kb / 7P
   Hand Crimp Tool for 2.00mm (.079") Pitch Wire-to-Board Crimp Terminal
05-24-17
ATS-638239800 MOLEX-ATS-638239800 Datasheet
583Kb / 7P
   Hand Crimp Tool for 2.00mm (.079) Pitch Wire-to-Board Crimp Terminal
04-04-11
63823-9800 MOLEX-63823-9800 Datasheet
583Kb / 7P
   Hand Crimp Tool for 2.00mm (.079") Pitch Wire-to-Board Crimp Terminal
04-04-11
63819-2300 MOLEX11-63819-2300 Datasheet
44Kb / 1P
   Hand Crimp Tool for 2.00mm Pitch Wire-to-Board Terminals
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com