Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA50R0-100-27X Datasheet (PDF) - Vishay Barry

TA50R0-100-27X Datasheet PDF - Vishay Barry
Part # TA50R0-100-27X
Download  TA50R0-100-27X Download
File Size   155.9 Kbytes
Page   2 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description 100W AlN Flanged Termination

TA50R0-100-27X Datasheet (PDF)

Go To PDF Page Download Datasheet
TA50R0-100-27X Datasheet PDF - Vishay Barry

Part # TA50R0-100-27X
Download  TA50R0-100-27X Click to download

File Size   155.9 Kbytes
Page   2 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description 100W AlN Flanged Termination

TA50R0-100-27X Datasheet (HTML) - Vishay Barry


TA50R0-100-27X Product details

TA50R0-100-27X Features:
• Flange Mount
• RoHS Compliant
• Customer Defined Testing Available
• High Rated Power
• Covered Resistor Element
• ±5% Resistor Tolerance

TA50R0-100-27X Parameters:
Operating Frequency: DC - 6GHz
Rated Power: 100W
Return Loss (Typical): 27dB or Better (DC - 4.5GHz)
17dB or Better (>4.5GHz - 6GHz)
Impedance: 50Ω ±5%
Resistor Construction: Thick Film on AlN
Flange Construction: Silver Plated Copper
Lead Construction: Silver Plated Copper
Operating Temperature: -55 to +150°C




Similar Part No. - TA50R0-100-27X

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
TA50R0-100-24X BARRY-TA50R0-100-24X Datasheet
156Kb / 2P
100W BeO Flanged Termination
REV.B OCT 22 2014
TA50R0-100-25X BARRY-TA50R0-100-25X Datasheet
156Kb / 2P
100W AlN Flanged Termination
REV.E OCT 22 2014
TA50R0-100-26X BARRY-TA50R0-100-26X Datasheet
153Kb / 2P
100W AlN Flanged Termination
REV.B OCT 22 2014
TA50R0-100-2X BARRY-TA50R0-100-2X Datasheet
158Kb / 1P
Aluminum Nitride
Rev.A 04/09/04
More results


Similar Description - TA50R0-100-27X

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
TA50R0-250-25X BARRY-TA50R0-250-25X Datasheet
165Kb / 2P
250W AlN Flanged Termination
REV.OCT 23 2014
TA50R0-800-9X BARRY-TA50R0-800-9X Datasheet
153Kb / 2P
800W AlN Flanged Termination
REV.OCT 28 2014
TA50R0-10-1X BARRY-TA50R0-10-1X Datasheet
151Kb / 2P
10W AlN Flanged Termination
REV. OCT 27 2014
TA50R0-10-3X BARRY-TA50R0-10-3X Datasheet
152Kb / 2P
10W AlN Flanged Termination
REV. OCT 27 2014
TA50R0-30-10X BARRY-TA50R0-30-10X Datasheet
152Kb / 2P
30W AlN Flanged Termination
REV.E OCT 27 2014
TA50R0-30-18X BARRY-TA50R0-30-18X Datasheet
153Kb / 2P
30W AlN Flanged Termination
REV.B OCT 27 2014
TA50R0-100-25X BARRY-TA50R0-100-25X Datasheet
156Kb / 2P
100W AlN Flanged Termination
REV.E OCT 22 2014
TA50R0-100-26X BARRY-TA50R0-100-26X Datasheet
153Kb / 2P
100W AlN Flanged Termination
REV.B OCT 22 2014
TA50R0-300-2X BARRY-TA50R0-300-2X Datasheet
171Kb / 2P
300W AlN Flanged Termination
REV.A OCT 23 2014
RAXXXX-100-9X BARRY-RAXXXX-100-9X Datasheet
164Kb / 2P
100W AlN Flanged Resistor
REV.E AUG 28 2014
More results




About Vishay Barry


Vishay Barry is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.

Vishay Barry specializes in the production of high-precision, thin-film and thick-film resistors, resistor arrays, and specialized passive components for demanding applications in the aerospace, military, and medical industries.

The company is headquartered in Franklin, Kentucky, and has additional locations in Europe and Asia.

Vishay Barry products are designed and manufactured to meet stringent quality and reliability standards, and are used in a wide range of applications including medical equipment, industrial automation systems, and military and aerospace systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com