Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA50R0-100-24X Datasheet (PDF) - Vishay Barry

TA50R0-100-24X Datasheet PDF - Vishay Barry
Part # TA50R0-100-24X
Download  TA50R0-100-24X Download
File Size   156.65 Kbytes
Page   2 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description 100W BeO Flanged Termination

TA50R0-100-24X Datasheet (PDF)

Go To PDF Page Download Datasheet
TA50R0-100-24X Datasheet PDF - Vishay Barry

Part # TA50R0-100-24X
Download  TA50R0-100-24X Click to download

File Size   156.65 Kbytes
Page   2 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description 100W BeO Flanged Termination

TA50R0-100-24X Datasheet (HTML) - Vishay Barry


TA50R0-100-24X Product details

TA50R0-100-24X Features:
• Flange Mount
• RoHS Compliant
• Customer Defined Testing Available
• High Rated Power
• Covered Resistor Element
• ±5% Resistor Tolerance

TA50R0-100-24X Parameters:
Operating Frequency: DC - 3.5GHz
Rated Power: 100W
Return Loss (Typical): 26dB or Better (DC - 2GHz)
20dB or Better (>2GHz - 3.5GHz)
Impedance: 50Ω ±5%
Resistor Construction: Thick Film on AlN
Flange Construction: Silver Plated Copper
Lead Construction: Silver Plated Copper
Operating Temperature: -55 to +150°C




Similar Part No. - TA50R0-100-24X

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
TA50R0-100-25X BARRY-TA50R0-100-25X Datasheet
156Kb / 2P
100W AlN Flanged Termination
REV.E OCT 22 2014
TA50R0-100-26X BARRY-TA50R0-100-26X Datasheet
153Kb / 2P
100W AlN Flanged Termination
REV.B OCT 22 2014
TA50R0-100-27X BARRY-TA50R0-100-27X Datasheet
155Kb / 2P
100W AlN Flanged Termination
REV.A OCT 22 2014
TA50R0-100-2X BARRY-TA50R0-100-2X Datasheet
158Kb / 1P
Aluminum Nitride
Rev.A 04/09/04
More results


Similar Description - TA50R0-100-24X

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
T50R0-100-21X BARRY-T50R0-100-21X Datasheet
152Kb / 2P
100W BeO Flanged Termination
REV.C OCT 27 2014
T50R0-100-2X BARRY-T50R0-100-2X Datasheet
159Kb / 2P
100W BeO Flanged Termination
REV.B OCT 7 2014
T50R0-100-4X BARRY-T50R0-100-4X Datasheet
152Kb / 2P
100W BeO Flanged Termination
REV.B OCT 27 2014
T50R0-100-18X BARRY-T50R0-100-18X Datasheet
155Kb / 2P
100W DC-6GHz BeO Flanged Termination
REV.C FEB 14 2017
T50R0-100-28E BARRY-T50R0-100-28E Datasheet
151Kb / 2P
100W BeO Flanged Termination
REV.E FEB 1 2017
T50R0-100-29E BARRY-T50R0-100-29E Datasheet
153Kb / 2P
100W BeO Flanged Termination
REV.E FEB 1 2017
T50R0-100-39Y BARRY-T50R0-100-39Y Datasheet
256Kb / 3P
100W DC-10GHz BeO Flanged Termination
REV.B NOV 26 2018
T50R0-1750-1X BARRY-T50R0-1750-1X Datasheet
179Kb / 2P
1750W BeO Flanged Termination
REV.B OCT 16 2017
T50R0-350-1E BARRY-T50R0-350-1E Datasheet
154Kb / 2P
350W BeO Flanged Termination
REV.G FEB 1 2017
T50R0-500-10X BARRY-T50R0-500-10X Datasheet
168Kb / 2P
500W BeO Flanged Termination
REV.C OCT 15 2014
More results




About Vishay Barry


Vishay Barry is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.

Vishay Barry specializes in the production of high-precision, thin-film and thick-film resistors, resistor arrays, and specialized passive components for demanding applications in the aerospace, military, and medical industries.

The company is headquartered in Franklin, Kentucky, and has additional locations in Europe and Asia.

Vishay Barry products are designed and manufactured to meet stringent quality and reliability standards, and are used in a wide range of applications including medical equipment, industrial automation systems, and military and aerospace systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com