Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4742A Datasheet (PDF) - NXP Semiconductors

1N4742A Datasheet PDF - NXP Semiconductors
Part # 1N4742A
Download  1N4742A Download
File Size   31.41 Kbytes
Page   6 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Voltage regulator diodes

1N4742A Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4742A Datasheet PDF - NXP Semiconductors

Part # 1N4742A
Download  1N4742A Click to download

File Size   31.41 Kbytes
Page   6 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Voltage regulator diodes

1N4742A Datasheet (HTML) - NXP Semiconductors


1N4742A Product details

DESCRIPTION

Low voltage regulator diodes in hermetically sealed SOD66 (DO-41) packages. The series consists of 22 types with nominal working voltages from 3.3 to 24 V.



FEATURES

• Total power dissipation: max. 1000 mW

• Tolerance series: ±5%

• Working voltage range: nom. 3.3 to 24 V.



APPLICATIONS

• Low voltage stabilizers.




Similar Part No. - 1N4742A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4742A VISHAY-1N4742A Datasheet
40Kb / 4P
Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
logo
Transys Electronics
1N4742A TRSYS-1N4742A Datasheet
348Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Rectron Semiconductor
1N4742A RECTRON-1N4742A Datasheet
19Kb / 2P
1W 5% DO-41 ZENER DIODE
logo
Fairchild Semiconductor
1N4742A FAIRCHILD-1N4742A Datasheet
22Kb / 2P
One Watt Zeners
logo
Dc Components
1N4742A DCCOM-1N4742A Datasheet
214Kb / 2P
TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
More results


Similar Description - 1N4742A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
Voltage regulator diodes
1996 May 14
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
Voltage regulator diodes
2004 Mar 22
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
Voltage regulator diodes
2003 Apr 10
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
Voltage regulator diodes
2004 Mar 22
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
Voltage regulator diodes
Rev. 6-6 March 2014
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
Voltage regulator diodes
Rev. 6-6 March 2014
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com