Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

96LEDK-A070WV40NB1 Datasheet (PDF) - Advantech Co., Ltd.

96LEDK-A070WV40NB1 Datasheet PDF - Advantech Co., Ltd.
Part # 96LEDK-A070WV40NB1
Download  96LEDK-A070WV40NB1 Download

File Size   819.85 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description TI Sitara™ ARM® AM3352 Cortex®-A8 3.5" SBC

96LEDK-A070WV40NB1 Datasheet (PDF)

Go To PDF Page Download Datasheet
96LEDK-A070WV40NB1 Datasheet PDF - Advantech Co., Ltd.

Part # 96LEDK-A070WV40NB1
Download  96LEDK-A070WV40NB1 Click to download

File Size   819.85 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description TI Sitara™ ARM® AM3352 Cortex®-A8 3.5" SBC

96LEDK-A070WV40NB1 Datasheet (HTML) - Advantech Co., Ltd.

96LEDK-A070WV40NB1 Datasheet HTML 1Page - Advantech Co., Ltd. 96LEDK-A070WV40NB1 Datasheet HTML 2Page - Advantech Co., Ltd.

96LEDK-A070WV40NB1 Product details

Features
ƒƒ TI Sitara™ ARM® AM3352 Cortex®-A8 1.0GHz
ƒƒ On-board DDR3 800MHz 512MB & 4MB SPI NOR Flash & 4GB eMMC NAND
Flash
ƒƒ Supports 4GPI / 4GPO w/isolation
ƒƒ 5x serial port w/ESD protection (Contact 4KV / Air 8KV)
ƒƒ Supports 2x Gigabit Ethernet ports and 1x Mini PCIe socket
ƒƒ Supports 18-bit LVDS with up to 1366 x 768 resolution
ƒƒ HW WTD for system protection
ƒƒ Operating temperature 0 ~ 60 °C / -40 ~ 85 °C
ƒƒ Lower power consumption, fanless design
ƒƒ Supports Linux BSP




Similar Part No. - 96LEDK-A070WV40NB1

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
96LEDK-A070WV40NB1 ADVANTECH-96LEDK-A070WV40NB1 Datasheet
488Kb / 2P
   Development Kit for RTX2.0 computer Module ROM-3420
6-Jun-2019
96LEDK-A070WV40NB1 ADVANTECH-96LEDK-A070WV40NB1 Datasheet
536Kb / 2P
   Development Kit for SMARC V1.1 CPU Module ROM-5420
6-Jun-2019
96LEDK-A070WV40NB1 ADVANTECH-96LEDK-A070WV40NB1 Datasheet
430Kb / 2P
   Development Kit for Qseven v1.2 Module ROM-7420
6-Jun-2019
96LEDK-A070WV40NB1 ADVANTECH-96LEDK-A070WV40NB1 Datasheet
440Kb / 2P
   Development Kit for Qseven 2.0 CPU Module ROM-7421
6-Jun-2019
96LEDK-A070WV40NB1 ADVANTECH-96LEDK-A070WV40NB1 Datasheet
3Mb / 6P
   NXP i.MX8M Plus Cortex®-A53 2.5 SBC with UIO40-Express
1-Aug-2022
More results





Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com