Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

96LEDK-A070WV40NB1 Datasheet (PDF) - Advantech Co., Ltd.

96LEDK-A070WV40NB1 Datasheet PDF - Advantech Co., Ltd.
Part # 96LEDK-A070WV40NB1
Download  96LEDK-A070WV40NB1 Download

File Size   3951.21 Kbytes
Page   6 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description NXP i.MX8M Plus Cortex®-A53 2.5 SBC with UIO40-Express

96LEDK-A070WV40NB1 Datasheet (PDF)

Go To PDF Page Download Datasheet
96LEDK-A070WV40NB1 Datasheet PDF - Advantech Co., Ltd.

Part # 96LEDK-A070WV40NB1
Download  96LEDK-A070WV40NB1 Click to download

File Size   3951.21 Kbytes
Page   6 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description NXP i.MX8M Plus Cortex®-A53 2.5 SBC with UIO40-Express

96LEDK-A070WV40NB1 Datasheet (HTML) - Advantech Co., Ltd.

96LEDK-A070WV40NB1 Datasheet HTML 1Page - Advantech Co., Ltd. 96LEDK-A070WV40NB1 Datasheet HTML 2Page - Advantech Co., Ltd. 96LEDK-A070WV40NB1 Datasheet HTML 3Page - Advantech Co., Ltd. 96LEDK-A070WV40NB1 Datasheet HTML 4Page - Advantech Co., Ltd. 96LEDK-A070WV40NB1 Datasheet HTML 5Page - Advantech Co., Ltd. 96LEDK-A070WV40NB1 Datasheet HTML 6Page - Advantech Co., Ltd.

96LEDK-A070WV40NB1 Product details

Features
ƒ NXP Arm® Cortex®-A53 i.MX8M Plus Quad/Dual up to 1.8 GHz
ƒ Onboard LPDDR4 4 GB/ 6 GB, 4000MT/s memory
ƒ HDMI 1920x1080 at 60Hz, 1 Single or 1 Dual Channel 24 bit LVDS
(or 1 4-Lane MIPI-DSI by BOM Option)
ƒ 1 4-wire RS-232/422/485, 1 USB3.2 Gen1 By 1, 1 USB2.0, 1 Micro SD,
1 Mic. in / Line out
ƒ 1 mini-PCIe for 3G/4G, 1 M.2 2230 Key E Slot
ƒ Supports Yocto Linux and Android
ƒ Support I/O Expansions by UIO40-Express I/O boards, please refer to page
#3 for more information




Similar Part No. - 96LEDK-A070WV40NB1

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
96LEDK-A070WV40NB1 ADVANTECH-96LEDK-A070WV40NB1 Datasheet
488Kb / 2P
   Development Kit for RTX2.0 computer Module ROM-3420
6-Jun-2019
96LEDK-A070WV40NB1 ADVANTECH-96LEDK-A070WV40NB1 Datasheet
536Kb / 2P
   Development Kit for SMARC V1.1 CPU Module ROM-5420
6-Jun-2019
96LEDK-A070WV40NB1 ADVANTECH-96LEDK-A070WV40NB1 Datasheet
430Kb / 2P
   Development Kit for Qseven v1.2 Module ROM-7420
6-Jun-2019
96LEDK-A070WV40NB1 ADVANTECH-96LEDK-A070WV40NB1 Datasheet
440Kb / 2P
   Development Kit for Qseven 2.0 CPU Module ROM-7421
6-Jun-2019
96LEDK-A070WV40NB1 ADVANTECH-96LEDK-A070WV40NB1 Datasheet
3Mb / 6P
   MediaTek Genio 1200 Cortex A78 & A55 2.5 SBC with UIO40-Express
19-May-2022
More results


Similar Description - 96LEDK-A070WV40NB1

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ROM-5722 ADVANTECH-ROM-5722 Datasheet
3Mb / 4P
   NXP i.MX8M Plus Cortex®-A53 SMARC 2.1 Computer-on-Module
16-Aug-2022
EPC-R3720 ADVANTECH-EPC-R3720 Datasheet
3Mb / 4P
   NXP i.MX8M Plus Cortex®-A53 Edge AI RISC-based Box Computer
12-Sep-2022
RSB-3730 ADVANTECH-RSB-3730 Datasheet
1Mb / 4P
   NXP iMX 8M Mini Cortex-A53 2.5 SBC
18-Jan-2022
RSB-3710 ADVANTECH-RSB-3710 Datasheet
710Kb / 2P
   Rockchip RK3399 Cortex-A72 2.5 SBC with UIO40-Express
22-Apr-2022
ROM-5720 ADVANTECH-ROM-5720 Datasheet
3Mb / 4P
   NXP i.MX8M Cortex®-A53 SMARC 2.0/2.1 Computer-on-Module
7-Jul-2022
ROM-5721 ADVANTECH-ROM-5721 Datasheet
2Mb / 4P
   NXP i.MX8M Mini Cortex®-A53 SMARC 2.0/2.1 Computer-on-Module
7-Jul-2022
RSB-3430 ADVANTECH-RSB-3430 Datasheet
692Kb / 2P
   NXP Arm® Cortex®-A9 i.MX6 2.5" SBC
29-Mar-2022
RSB-3810 ADVANTECH-RSB-3810 Datasheet
3Mb / 6P
   MediaTek Genio 1200 Cortex A78 & A55 2.5 SBC with UIO40-Express
19-May-2022
logo
AAEON Technology
SRT-IMX8P AAEON-SRT-IMX8P Datasheet
734Kb / 2P
   Standard IoT Gateway with ARM i.MX8M Plus Quad-Core Cortex-A53 1.6GHz Processor
2023/01/05
SRG-IMX8P AAEON-SRG-IMX8P Datasheet
702Kb / 2P
   Standard IoT Gateway with ARM i.MX8M Plus Quad-Core Cortex-A53 1.6GHz Processor
2023/01/11
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com