![]() |
Electronic Components Datasheet Search |
|
BF200CO3K-36V-P Datasheet (PDF) - LEDTRONICS, INC |
BF200CO3K-36V-P Datasheet (HTML) - LEDTRONICS, INC |
BF200CO3K-36V-P Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | BF200CO3K-36V-P |
Download | BF200CO3K-36V-P Click to view |
File Size | 161.53 Kbytes |
Page | 1 Pages |
Maker | LEDTRONICS [LEDTRONICS, INC] |
Homepage | http://www.ledtronics.com |
Logo | |
Description | Single Contact Type Miniature BaseLED Lamps |
Related Electronics Part Number |
Part Number | Components Description | Html View | Manufacturer |
5SB206 | DOUBLE CONTACT TYPE MINIATURE BASELED LAMPS | 1 | List of Unclassifed Manufacturers |
5SB206CR6-28V-BP | Double Contact Type Miniature BaseLED Lamps | 1 | LEDTRONICS, INC |
G53AD-DC110 | Miniature Type Heavy contact load up to 4000VA | 1 2 | List of Unclassifed Manufacturers |
SLP-9118B-51 | ø3.1mm red contact type LED lamp | 1 2 3 4 | Sanyo Semicon Device |
CM1183 | RP-11 Single Contact Bayonet Base | 1 | Chicago Miniature Lamp,inc |
UC3804X | Single Color PI 3 Flush Mount Round Shape Type | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
CSMA3 | SMA Straight Connectors Direct Solder Cable Conductor used as Center Contact Type for Semi-Rigid Cable | 1 | ITT Industries |
GL2PR6 | ø2mm Convex Type Colored Diffusion LED Lamps for Indicator | 1 2 3 4 | Sharp Electrionic Components |
GL5PR43 | ø5mm T-1 3/4 Cylinder Type Colorless Transparency LED Lamps for Indicator | 1 2 3 4 | Sharp Electrionic Components |
MPS-65 | 65W Single Output Medical Type | 1 2 | Total Power International |
Datasheet Page |
1 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |