Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0639001800 Datasheet (PDF) - Molex Electronics Ltd.

0639001800 Datasheet PDF - Molex Electronics Ltd.
Part # 0639001800
Download  0639001800 Download

File Size   32.82 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description FineAdjust Applicator, 14-20 AWG Wire

0639001800 Datasheet (PDF)

Go To PDF Page Download Datasheet
0639001800 Datasheet PDF - Molex Electronics Ltd.

Part # 0639001800
Download  0639001800 Click to download

File Size   32.82 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description FineAdjust Applicator, 14-20 AWG Wire

0639001800 Datasheet (HTML) - Molex Electronics Ltd.


0639001800 Product details

General
Product Family Application Tooling
Series 207127
Comments See Tooling Specification (PDF) Above
This
Applicator provides optimum A620 Class 2 crimps with
insulation O.D. range of 2.55mm3.65mm
Function Crimp
Geographic Area Global
Level of Automation Automatic, Semi-Automatic
More Detailed Tech Information applicationtooling@molex.com
Overview Application Tooling
Product Name FineAdjust
Taxonomy Applicators and Crimp Modules
Tool Type Applicator
UPC 800756732275
Warranty Disclaimer CAUTION: Molex tooling crimp specifications are
valid only when used with Molex terminals and tooling
manufactured by Molex and sold by Molex or authorized
distributors ("Molex Tooling"). When using tooling
other than Molex Tooling with Molex specific connector
systems listed in our ATS documents, the Molex tooling
qualification does not apply and the responsibility for
full qualification of the connector system is that of the
customer. Molex accepts no liability for connector
performance or tooling support where tooling other
than Molex Tooling is used or where Molex Tooling is
modified.




Similar Part No. - 0639001800

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0639001200 MOLEX-0639001200 Datasheet
38Kb / 1P
FineAdjust Applicator, 22 AWG Wire
08/26/2022
0639001500 MOLEX-0639001500 Datasheet
40Kb / 2P
FineAdjust Applicator for SL Female Crimp Terminal, Insulation OD 0.63-1.00mm, 24-30 AWG Wire
08/25/2022
0639001700 MOLEX-0639001700 Datasheet
40Kb / 2P
FineAdjust Applicator for Male and Female Crimp Terminals, 18-20 AWG Wire
08/26/2022
More results


Similar Description - 0639001800

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63900-1800 MOLEX11-63900-1800 Datasheet
50Kb / 1P
FineAdjust Applicator, 14-20 AWG Wire
63900-0200 MOLEX11-63900-0200 Datasheet
49Kb / 1P
FineAdjust Applicator, 14 AWG Wire
63900-0700 MOLEX11-63900-0700 Datasheet
49Kb / 1P
FineAdjust Applicator, 14-16 AWG Wire
63900-6700 MOLEX11-63900-6700 Datasheet
50Kb / 1P
FineAdjust Applicator for Terminals, 14 AWG Wire
0639006700 MOLEX-0639006700 Datasheet
32Kb / 1P
FineAdjust Applicator for Terminals, 14 AWG Wire
08/26/2022
63900-0500 MOLEX11-63900-0500 Datasheet
50Kb / 1P
FineAdjust Applicator for Terminals, 20 AWG Wire
63900-0900 MOLEX11-63900-0900 Datasheet
50Kb / 1P
FineAdjust Applicator for MX150 Receptacle, 20 AWG Wire
63900-0600 MOLEX11-63900-0600 Datasheet
49Kb / 1P
FineAdjust Applicator, 22 AWG Wire
0639001200 MOLEX-0639001200 Datasheet
38Kb / 1P
FineAdjust Applicator, 22 AWG Wire
08/26/2022
63900-1000 MOLEX11-63900-1000 Datasheet
49Kb / 1P
FineAdjust Applicator, 22 AWG Wire
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com