Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP1064E Datasheet (PDF) - Littelfuse

SP1064E Datasheet PDF - Littelfuse
Part # SP1064E
Download  SP1064E Download

File Size   621.37 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 14.0pF, 25kV Diode Array, General Purpose ESD Protection

SP1064E Datasheet (PDF)

Go To PDF Page Download Datasheet
SP1064E Datasheet PDF - Littelfuse

Part # SP1064E
Download  SP1064E Click to download

File Size   621.37 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 14.0pF, 25kV Diode Array, General Purpose ESD Protection

SP1064E Datasheet (HTML) - Littelfuse

SP1064E Datasheet HTML 1Page - Littelfuse SP1064E Datasheet HTML 2Page - Littelfuse SP1064E Datasheet HTML 3Page - Littelfuse SP1064E Datasheet HTML 4Page - Littelfuse SP1064E Datasheet HTML 5Page - Littelfuse

SP1064E Product details

Description
The SP1064E is an avalanche breakdown diode fabricated in a
proprietary silicon avalanche technology protect each I/O pin to
provide a high level of protection for electronic equipment that may
experience destructive electrostatic discharges (ESD). These
robust diodes can safely absorb repetitive ESD strikes above the
maximum level specified in IEC 61000-4-2 international standard
(Level 4, ±8kV contact discharge) without performance
degradation.

Features & Benefits
■ ESD, IEC 61000-4-2, ±25kV
contact, ±30kV air
■ EFT, IEC 61000-4-4, 40A
(5/50ns)
■ Surge tolerance, IEC 61000-4-
5 2nd Edition, 3.5A (8/20us)
■ Low capacitance of 14.0pF
(TYP) per I/O
■ Low leakage current of
0.05μA (TYP) at 60V
■ Small form factor μDFN(
JEDEC MO-229) package
saves board space
■ Halogen free, Lead free and
RoHS compliant
■ Moisture Sensitivity
Level(MSL -1)

Applications
■ LCD/PDP TVs
■ DVD Players
■ Desktops
■ MP3/PMP
■ Set Top Boxes
■ Mobile Phones
■ Notebooks
■ Digital Cameras




Similar Part No. - SP1064E

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1064 LITTELFUSE-SP1064 Datasheet
687Kb / 5P
   SP1064 Series 8.5pF, 15 kV Diode Array
SP1064-04UTG LITTELFUSE-SP1064-04UTG Datasheet
687Kb / 5P
   SP1064 Series 8.5pF, 15 kV Diode Array
More results


Similar Description - SP1064E

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1333-01UTG LITTELFUSE-SP1333-01UTG Datasheet
685Kb / 5P
   TVS Diode Array (SPA ? Diodes) General Purpose ESD Protection - SP1333
Revised: 09/06/19
logo
Jinan Jing Heng Electro...
ESDT6L23A5V04R JINGHENG-ESDT6L23A5V04R Datasheet
526Kb / 4P
   ESD Protection Diode Array
logo
Vishay Siliconix
GMDA05 VISHAY-GMDA05 Datasheet
80Kb / 3P
   ESD Protection Diode Array
Rev. 2, 02-Jun-03
logo
Jinan Jing Heng Electro...
ESDN2L1006C5V01L JINGHENG-ESDN2L1006C5V01L Datasheet
552Kb / 4P
   ESD Protection Diode Array
ESDN10L2510C5V04R JINGHENG-ESDN10L2510C5V04R Datasheet
471Kb / 4P
   ESD Protection Diode Array
ESDT23A3V02V JINGHENG-ESDT23A3V02V Datasheet
494Kb / 4P
   ESD Protection Diode Array
ESDT23C5V02V JINGHENG-ESDT23C5V02V Datasheet
432Kb / 4P
   ESD Protection Diode Array
logo
Vishay Siliconix
GMF05C VISHAY-GMF05C Datasheet
142Kb / 4P
   ESD Protection Diode Array
Rev. 1.1, 02-Mar-05
logo
Jinan Jing Heng Electro...
ESDT23A5V02V JINGHENG-ESDT23A5V02V Datasheet
489Kb / 4P
   ESD Protection Diode Array
ESDT23A24V02V JINGHENG-ESDT23A24V02V Datasheet
513Kb / 4P
   ESD Protection Diode Array
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com