Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KX2513Z8032.768000 Datasheet (PDF) - Diodes Incorporated

KX2513Z8032.768000 Datasheet PDF - Diodes Incorporated
Part # KX2513Z8032.768000
Download  KX2513Z8032.768000 Download

File Size   559.66 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Ultra Low Current KX Series Crystal Oscillator

KX2513Z8032.768000 Datasheet (PDF)

Go To PDF Page Download Datasheet
KX2513Z8032.768000 Datasheet PDF - Diodes Incorporated

Part # KX2513Z8032.768000
Download  KX2513Z8032.768000 Click to download

File Size   559.66 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Ultra Low Current KX Series Crystal Oscillator

KX2513Z8032.768000 Datasheet (HTML) - Diodes Incorporated

KX2513Z8032.768000 Datasheet HTML 1Page - Diodes Incorporated KX2513Z8032.768000 Datasheet HTML 2Page - Diodes Incorporated

KX2513Z8032.768000 Product details

Features
• AT Cut 32.768 kHz XO
• CMOS compatible logic levels
• Ultra low active current (< 10µA)
• Very tight temperature stability
• Designed for standard reflow and washing techniques
• Pb-free and RoHS/Green compliant

Applications
• Real-Time Clock Oscillator where low current and tight stability are needed




Similar Part No. - KX2513Z8032.768000

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
KX2513Z8032.768000 PERICOM-KX2513Z8032.768000 Datasheet
635Kb / 2P
   CMOS 32.768kHz
More results


Similar Description - KX2513Z8032.768000

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CXOL STATEK-CXOL Datasheet
179Kb / 2P
   Ultra-Low Current, Miniature Quartz Crystal Oscillator
logo
EUROQUARTZ limited
CXOU EUROQUARTZ-CXOU Datasheet
187Kb / 1P
   Ultra-Low Current Minauture Crystal Oscillator 32.768kHz - 100.0kHz
logo
Silicon Laboratories
SI535 SILABS-SI535 Datasheet
323Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR
logo
Silicon image
SI535 SILICONIMAGE-SI535 Datasheet
276Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR (XO)
logo
Skyworks Solutions Inc.
SI535 SKYWORKS-SI535 Datasheet
738Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR (XO)
Rev. 1.3
logo
EUROQUARTZ limited
CXOL EUROQUARTZ-CXOL Datasheet
101Kb / 1P
   Ultra-low Current, Miniature Oscillator
logo
Skyworks Solutions Inc.
SI560 SKYWORKS-SI560 Datasheet
1Mb / 22P
   Ultra Series™ Crystal Oscillator
Revision 206618A May, 2023
SI564 SKYWORKS-SI564 Datasheet
1Mb / 38P
   Ultra Series™ Crystal Oscillator
Revision 206621A May, 2023
SI561 SKYWORKS-SI561 Datasheet
1Mb / 22P
   Ultra Series™ Crystal Oscillator
Revision 206619A May, 2023
SI562 SKYWORKS-SI562 Datasheet
1Mb / 23P
   Ultra Series™ Crystal Oscillator
Revision 206620A May, 2023
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com