Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MYPMA01218RCF-CCB Datasheet (PDF) - Murata Manufacturing Co., Ltd

MYPMA01218RCF-CCB Datasheet PDF - Murata Manufacturing Co., Ltd
Part # MYPMA01218RCF-CCB
Download  MYPMA01218RCF-CCB Download
File Size   793.93 Kbytes
Page   8 Pages
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd
Description Non-isolated type

MYPMA01218RCF-CCB Datasheet (PDF)

Go To PDF Page Download Datasheet
MYPMA01218RCF-CCB Datasheet PDF - Murata Manufacturing Co., Ltd

Part # MYPMA01218RCF-CCB
Download  MYPMA01218RCF-CCB Click to download

File Size   793.93 Kbytes
Page   8 Pages
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd
Description Non-isolated type

MYPMA01218RCF-CCB Datasheet (HTML) - Murata Manufacturing Co., Ltd


MYPMA01218RCF-CCB Product details

FEATURES
■120W DC-DC converter(216W peak)
■12V main output and 5V,1A Aux output
■Low ripple and Low surge output
■Input Voltage: 36V–75V
■Working Temperature: -20 - +85°C
■High Efficiency up to 95%
■Compact Size 86.5x122.4x35.4mm
■Small and Lightweight (160g)
■IP56 compliance
■Vibration-proof case design
■Over Temperature Protection
■Built-in Over-current and short circuit protection circuit
■RoHS Compliant




Similar Part No. - MYPMA01218RCF-CCB

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MYPMA01218RCF-CCB MURATA1-MYPMA01218RCF-CCB Datasheet
719Kb / 8P
Non-isolated type
2018
MYPMA01218RCF-CCB MURATA1-MYPMA01218RCF-CCB_V01 Datasheet
719Kb / 8P
Non-isolated type
2018
More results


Similar Description - MYPMA01218RCF-CCB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DKR200AB60 DIODES-DKR200AB60 Datasheet
102Kb / 2P
DIODE MODULE( NON-ISOLATED TYPE )
logo
SanRex Corporation
TMG12C60 SANREX-TMG12C60 Datasheet
105Kb / 2P
TRIAC (NON-ISOLATED TYPE)
TMG8C60 SANREX-TMG8C60 Datasheet
115Kb / 2P
TRIAC(NON-ISOLATED TYPE)
TMG10C60 SANREX-TMG10C60 Datasheet
117Kb / 2P
TRIAC(NON-ISOLATED TYPE)
MDF100A30 SANREX-MDF100A30 Datasheet
90Kb / 2P
DIODE(NON-ISOLATED TYPE)
MDF150A30 SANREX-MDF150A30 Datasheet
91Kb / 2P
DIODE(NON-ISOLATED TYPE)
MDF200A30 SANREX-MDF200A30 Datasheet
91Kb / 2P
DIODE(NON-ISOLATED TYPE)
MDF250A30 SANREX-MDF250A30 Datasheet
91Kb / 2P
DIODE(NON-ISOLATED TYPE)
logo
List of Unclassifed Man...
SQD50AB100 ETC1-SQD50AB100 Datasheet
256Kb / 2P
TRANSISTOR MODULE (NON-ISOLATED TYPE)
logo
Murata Manufacturing Co...
MYPMA01218RCF-CAB MURATA1-MYPMA01218RCF-CAB Datasheet
547Kb / 6P
Non-isolated type
October 6, 2022
More results




About Murata Manufacturing Co., Ltd


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.

The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.

Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.

The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com