Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0638653600 Datasheet (PDF) - Molex Electronics Ltd.

0638653600 Datasheet PDF - Molex Electronics Ltd.
Part # 0638653600
Download  0638653600 Download
File Size   32.37 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description FineAdjust Applicator, 18 AWG

0638653600 Datasheet (PDF)

Go To PDF Page Download Datasheet
0638653600 Datasheet PDF - Molex Electronics Ltd.

Part # 0638653600
Download  0638653600 Click to download

File Size   32.37 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description FineAdjust Applicator, 18 AWG

0638653600 Datasheet (HTML) - Molex Electronics Ltd.


0638653600 Product details

General
Product Family Application Tooling
Series 207127
Comments See Tooling Specification (PDF) Above
Function Crimp
Geographic Area Global
Level of Automation Automatic, Semi-Automatic
More Detailed Tech Information toolingsupport@molex.com
Overview Application Tooling
Product Name FineAdjust
Taxonomy Applicators and Crimp Modules
Tool Type Applicator
UPC 756054683408
Warranty Disclaimer CAUTION: Molex tooling crimp specifications are
valid only when used with Molex terminals and tooling
manufactured by Molex and sold by Molex or authorized
distributors ("Molex Tooling"). When using tooling
other than Molex Tooling with Molex specific connector
systems listed in our ATS documents, the Molex tooling
qualification does not apply and the responsibility for
full qualification of the connector system is that of the
customer. Molex accepts no liability for connector
performance or tooling support where tooling other
than Molex Tooling is used or where Molex Tooling is
modified.




Similar Part No. - 0638653600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638652000 MOLEX11-0638652000 Datasheet
42Kb / 1P
FineAdjust Applicator
0638655100 MOLEX-0638655100 Datasheet
33Kb / 2P
FineAdjust Applicator
08/25/2022
0638657000 MOLEX11-0638657000 Datasheet
42Kb / 1P
FineAdjust Applicator
0638659000 MOLEX-0638659000 Datasheet
33Kb / 2P
FineAdjust Applicator
08/25/2022
More results


Similar Description - 0638653600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638639000 MOLEX11-0638639000 Datasheet
42Kb / 1P
FineAdjust Applicator, 18-22 AWG
63900-0400 MOLEX11-63900-0400 Datasheet
50Kb / 1P
FineAdjust Applicator for Terminals, 18 AWG Wire
63900-0800 MOLEX11-63900-0800 Datasheet
50Kb / 1P
FineAdjust Applicator for MX150 Receptacle, 18 AWG Wire
0639036200 MOLEX-0639036200 Datasheet
33Kb / 1P
FineAdjust Applicator for EconoLatch Crimp Terminals, 18 AWG
08/26/2022
0639036100 MOLEX-0639036100 Datasheet
33Kb / 1P
FineAdjust Applicator for EconoLatch Crimp Terminals, 16-18 AWG
08/25/2022
0639008400 MOLEX-0639008400 Datasheet
33Kb / 2P
FineAdjust Applicator for Female Terminal, 18-24 AWG Wire
08/26/2022
638659000 MOLEX-638659000 Datasheet
164Kb / 5P
FineAdjust Applicator Specification Sheet 18-22 AWG CRC Terminals
10-07-05
63900-0600 MOLEX11-63900-0600 Datasheet
49Kb / 1P
FineAdjust Applicator, 22 AWG Wire
63900-0200 MOLEX11-63900-0200 Datasheet
49Kb / 1P
FineAdjust Applicator, 14 AWG Wire
0639001200 MOLEX-0639001200 Datasheet
38Kb / 1P
FineAdjust Applicator, 22 AWG Wire
08/26/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com