Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LT1000-15W Datasheet (PDF) - List of Unclassifed Manufacturers

LT1000-15W Datasheet PDF - List of Unclassifed Manufacturers
Part # LT1000-15W
Download  LT1000-15W Download

File Size   266.09 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Unmounted Laser Diode Chips

LT1000-15W Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1000-15W Datasheet PDF - List of Unclassifed Manufacturers

Part # LT1000-15W
Download  LT1000-15W Click to download

File Size   266.09 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Unmounted Laser Diode Chips

LT1000-15W Datasheet (HTML) - List of Unclassifed Manufacturers

LT1000-15W Datasheet HTML 1Page - List of Unclassifed Manufacturers LT1000-15W Datasheet HTML 2Page - List of Unclassifed Manufacturers

LT1000-15W Product details

1.5 Watts CW 808, 830 and 915 nm



These LT1000-1.5W unmounted chips are ideal for a diverse base of customers. Lasertel’s partnering spirit and “one-stop shopping” offer end users with in-house mounting and packaging capabilities – a unique opportunity to defi ne and meet their own customer specifi cations. At an output power of 1.5 Watts CW, the LT1000-1.5W chips feature wavelengths from 808 to 915 nm.



Features

State-of-the-art

MBE technology

Enhanced optical output power

TE or TM polarization

Long diode lifetime

High reliability



Similar Part No. - LT1000-15W

ManufacturerPart #DatasheetDescription
LEM
LEM
LT10000-S LEM-LT10000-S Datasheet
73Kb / 2P
   Current Transducer LT 10000-S
LT10000-S LEM-LT10000-S Datasheet
46Kb / 2P
   Current Transducer
LT10000-S LEM-LT10000-S_03 Datasheet
46Kb / 2P
   Current Transducer
More results

Similar Description - LT1000-15W

ManufacturerPart #DatasheetDescription
OSRAM GmbH
OSRAM GmbH
SPLBX98-2S OSRAM-SPLBX98-2S Datasheet
126Kb / 4P
   Unmounted Laser Bars, 30% Fill-Factor, 980 nm
SPLBK94-40 OSRAM-SPLBK94-40 Datasheet
133Kb / 3P
   Unmounted Laser Bars, 50% Fill Factor, 940nm
SPLBS81-6 OSRAM-SPLBS81-6 Datasheet
187Kb / 4P
   Unmounted Laser Bars, 82.5% Filling Factor, 808 nm
SPLBX81-2S OSRAM-SPLBX81-2S Datasheet
126Kb / 4P
   Unmounted Laser Bars, 30% Fill-Factor, 808 nm
SPLBX94-2S OSRAM-SPLBX94-2S Datasheet
111Kb / 4P
   Unmounted Laser Bars, 30% Fill-Factor, 940 nm
Siemens Semiconductor Group
Siemens Semiconductor G...
SPLBXXX SIEMENS-SPLBXXX Datasheet
20Kb / 2P
   Unmounted Laser Bars 20 W cw ... 100 W qcw
OSRAM GmbH
OSRAM GmbH
SPLBK102-40 OSRAM-SPLBK102-40 Datasheet
133Kb / 3P
   Unmounted monolithic linear array
Compensated Deuices Incorporated
Compensated Deuices Inc...
CD5333B CDI-DIODE-CD5333B Datasheet
82Kb / 2P
   ZENER DIODE CHIPS
Silan Microelectronics Joint-stock
Silan Microelectronics ...
2KG028075JL SILAN-2KG028075JL Datasheet
38Kb / 1P
   SWITCHING DIODE CHIPS
2KG034350JL SILAN-2KG034350JL Datasheet
51Kb / 1P
   SWITCHING DIODE CHIPS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com