Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13524 Datasheet (PDF) - Epson Company

S1D13524 Datasheet PDF - Epson Company
Part # S1D13524
Download  S1D13524 Download
File Size   158.84 Kbytes
Page   2 Pages
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company
Description Color EPD Controller

S1D13524 Datasheet (PDF)

Go To PDF Page Download Datasheet
S1D13524 Datasheet PDF - Epson Company

Part # S1D13524
Download  S1D13524 Click to download

File Size   158.84 Kbytes
Page   2 Pages
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company
Description Color EPD Controller

S1D13524 Datasheet (HTML) - Epson Company


S1D13524 Product details

Features
• Targeted for high resolution, high frame rate Color
• Built-in color processor
• Flexible CFA configurations
• Built-in dither function integrated into the color
engine.
• High resolution color up to 2560x2048 @ 85Hz
• Supports 8000x8000 resolutions at lower frame
rates
• Multi-Regional updates for smooth drawing
• Rotation support for Host Writes
• 16-bit indirect, TFT or Serial Indirect Host Support
• I2C Thermal Sensor provides temperature support
for automatic temperature compensation.
• Programmable Power Management for panel
power saving
• Supports third party PMIC’s
• Support for External 16/32-bit LP-DDR and SDR
Memory
• SPI master supporting 1 slave devices
• Advanced Sequencer Engine w/ ALU
• Auto boot display allow instant on without OS delay
• Internal Programmable PLL
• Single MHz Clock Input
• Software Power Save Mode
• General Purpose IO Pins available
• Package: TFBGA 241-pin (0.65mm ball pitch)




Similar Part No. - S1D13524

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13503D00A EPSON-S1D13503D00A Datasheet
535Kb / 94P
LCD Controller ICs
S1D13503F00A EPSON-S1D13503F00A Datasheet
535Kb / 94P
LCD Controller ICs
S1D13503F00A200 EPSON-S1D13503F00A200 Datasheet
1Mb / 270P
S1D13503 Graphics LCD Controller
S1D13503F01A EPSON-S1D13503F01A Datasheet
535Kb / 94P
LCD Controller ICs
S1D13504F00A EPSON-S1D13504F00A Datasheet
535Kb / 94P
LCD Controller ICs
More results


Similar Description - S1D13524

ManufacturerPart #DatasheetDescription
logo
Epson Company
S4E5B001B000A00 EPSON-S4E5B001B000A00 Datasheet
229Kb / 2P
Monochrome EPD Controller Module
logo
Holtek Semiconductor In...
HT16E07 HOLTEK-HT16E07 Datasheet
2Mb / 31P
120 Segments EPD Driver IC
logo
Epson Company
S4J21010 EPSON-S4J21010 Datasheet
143Kb / 4P
High Resolution EPD Evaluation Platform
logo
List of Unclassifed Man...
YGV610B ETC1-YGV610B Datasheet
417Kb / 7P
COLOR PANEL DISPLAY CONTROLLER
logo
Maxic Technology Corpor...
MT7312 MAXIC-MT7312 Datasheet
174Kb / 1P
Color Temperature Switch Controller
MT7322 MAXIC-MT7322 Datasheet
168Kb / 1P
Color Temperature Switch Controller
MT7302 MAXIC-MT7302 Datasheet
166Kb / 1P
Color Temperature Switch Controller
logo
Advantech Co., Ltd.
WISE-3610Z ADVANTECH-WISE-3610Z Datasheet
492Kb / 2P
Wireless IoT EPD Network Gateway
3-Sep-2019
logo
Mean Well Enterprises C...
RFP-M2M3-3A MEANWELL-RFP-M2M3-3A Datasheet
978Kb / 3P
Wireless color temp. remote controller
logo
Agilent(Hewlett-Packard...
HDJD-J822 HP-HDJD-J822 Datasheet
143Kb / 19P
Color Management System Feedback Controller
More results




About Epson Company


Epson is a Japanese company that specializes in the manufacture of electronics and imaging products.
The company was founded in 1942 and is headquartered in Suwa, Nagano, Japan.
Epson offers a wide range of products including printers, projectors, industrial automation equipment, and more.
The company is known for its expertise in precision electronics and its innovative technologies in the fields of imaging, printing, and visual communication.
Epson has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its consumer and business products, Epson also provides a range of products and solutions for industrial and commercial applications, such as print head technologies, robotic systems, and wearable devices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com