Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJFTV21G05100BTX Datasheet (PDF) - Amphenol Corporation

RJFTV21G05100BTX Datasheet PDF - Amphenol Corporation
Part # RJFTV21G05100BTX
Download  RJFTV21G05100BTX Download

File Size   504.29 Kbytes
Page   3 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description &UIFSOFU$POOFDUJPO4ZTUFNGPS)BSTI&OWJSPONFOU

RJFTV21G05100BTX Datasheet (PDF)

Go To PDF Page Download Datasheet
RJFTV21G05100BTX Datasheet PDF - Amphenol Corporation

Part # RJFTV21G05100BTX
Download  RJFTV21G05100BTX Click to download

File Size   504.29 Kbytes
Page   3 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description &UIFSOFU$POOFDUJPO4ZTUFNGPS)BSTI&OWJSPONFOU

RJFTV21G05100BTX Datasheet (HTML) - Amphenol Corporation

RJFTV21G05100BTX Datasheet HTML 1Page - Amphenol Corporation RJFTV21G05100BTX Datasheet HTML 2Page - Amphenol Corporation RJFTV21G05100BTX Datasheet HTML 3Page - Amphenol Corporation

RJFTV21G05100BTX Product details

- Sealed against fluids and dusts (IP68)
- Shock, Vibration and Traction resistant
- No cabling operation in field and no tools required
- Mechanical Coding / Polarization (4 positions)
- Improved EMI protection
- RJ45 cordset retention in the plug: 100 N in the axis
- Mating cycles: 500 min
- Compatible with cable diameter from 5,5 mm [0.216 in] to 13 mm [0.512 in]

Applications
- Data Acquisition and Transmission in harsh environment
- Railways
- Radars
- Shelters
- Battlefield Communication
- Systems
- Navy




Similar Part No. - RJFTV21G05100BTX

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RJFTV2PEM1G AMPHENOL-RJFTV2PEM1G Datasheet
356Kb / 4P
   Ethernet ConnectionSystem for Harsh Environment
More results






About Amphenol Corporation


Amphenol Corporation is a global manufacturer of interconnect products, including connectors and cable assemblies, for various markets such as telecommunications, industrial, automotive, military, aerospace and medical.

The company was founded in 1932 and is headquartered in Wallingford, Connecticut.

Amphenol has a broad product portfolio that includes circular, rectangular, fiber optic, and high-speed interconnects, as well as coaxial and specialty cable assemblies.

The company's products are used in a wide range of applications, from smartphones and laptops to aircraft, automobiles, and military systems.

With operations and facilities in over 60 countries, Amphenol has a strong global presence in the interconnect solutions market.

The company is known for its innovation and technology leadership, as well as its commitment to quality and customer service.

Amphenol has been recognized as one of the world's most ethical companies and has a long-standing reputation for responsible business practices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com