Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2339211-1 Datasheet (PDF) - TE Connectivity Ltd

2339211-1 Datasheet PDF - TE Connectivity Ltd
Part # 2339211-1
Download  2339211-1 Download

File Size   1909.82 Kbytes
Page   6 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description SLIVER INTERNAL CABLED INTERCONNECT SOLUTION

2339211-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
2339211-1 Datasheet PDF - TE Connectivity Ltd

Part # 2339211-1
Download  2339211-1 Click to download

File Size   1909.82 Kbytes
Page   6 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description SLIVER INTERNAL CABLED INTERCONNECT SOLUTION

2339211-1 Datasheet (HTML) - TE Connectivity Ltd

2339211-1 Datasheet HTML 1Page - TE Connectivity Ltd 2339211-1 Datasheet HTML 2Page - TE Connectivity Ltd 2339211-1 Datasheet HTML 3Page - TE Connectivity Ltd 2339211-1 Datasheet HTML 4Page - TE Connectivity Ltd 2339211-1 Datasheet HTML 5Page - TE Connectivity Ltd 2339211-1 Datasheet HTML 6Page - TE Connectivity Ltd

2339211-1 Product details

Features
• 0.6mm pitch SMT connector design
includes robust metal housing
• 12G and 25G high speed, low-loss
33AWG cable
• Vertical, right angle and card edge
configurations with active latch
• Supports 85 and 100 ohm impedance
applications
• Flexible pinout arrangement allows for
mix of differential signal pairs and low
speed single-ended sidebands
• Flexible mounting and mating
arrangements:
• Cabled interconnects
• Card edge interconnects
• Vertical to right-angle, vertical
to straight, right-angle to rightangle, and right-angle to straight
receptacle-to-plug mating
• Platform developed to be scalable in
x4/x8 increments
• Sliver: 24p (x4), 50p (x8)
• Sliver for SFF-TA-1002: 28p (x4), 56p
(x8)
• Supports present and future bandwidth
needs without requiring requalification
and redesign

Applications
• Internal Cabled Solutions
• Chip to Chip
• Chip to I/O
• Chip to Backplane
• Board to Board
• PCB Card Edge (BTB) solutions
• Supports Ethernet, PCIe, SAS, SATA,
InfiniBand, and other custom protocols




Similar Part No. - 2339211-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2339211-1 TEC-2339211-1 Datasheet
5Mb / 8P
   INTERNAL CABLED INTERCONNECT SOLUTIONS
More results


Similar Description - 2339211-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-1773871-5 TEC-1-1773871-5 Datasheet
5Mb / 8P
   INTERNAL CABLED INTERCONNECT SOLUTIONS
logo
Molex Electronics Ltd.
47346 MOLEX-47346 Datasheet
126Kb / 2P
   0.65mm (.0256”) Pitch Micro-USB Interconnect Solution
2009
logo
TE Connectivity Ltd
1-1773903-6 TEC-1-1773903-6 Datasheet
773Kb / 15P
   Sliver Cable Assemblies
logo
Alpha Wire
80036 ALPHAWIRE-80036 Datasheet
43Kb / 2P
   7 Components Cabled
25271 ALPHAWIRE-25271 Datasheet
43Kb / 2P
   2 COND Cabled
25296 ALPHAWIRE-25296 Datasheet
44Kb / 2P
   6 Components Cabled
25452 ALPHAWIRE-25452 Datasheet
44Kb / 2P
   2 Components Cabled
45104 ALPHAWIRE-45104 Datasheet
66Kb / 2P
   4 Components Cabled
45192 ALPHAWIRE-45192 Datasheet
65Kb / 2P
   2 Components Cabled
45196 ALPHAWIRE-45196 Datasheet
65Kb / 2P
   6 Components Cabled
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com