Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHC1GT66 Datasheet (PDF) - E-Tech Electronics LTD

MC74VHC1GT66 Datasheet PDF - E-Tech Electronics LTD
Part # MC74VHC1GT66
Download  MC74VHC1GT66 Download

File Size   694.55 Kbytes
Page   6 Pages
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD
Description ANALOG Switch

MC74VHC1GT66 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74VHC1GT66 Datasheet PDF - E-Tech Electronics LTD

Part # MC74VHC1GT66
Download  MC74VHC1GT66 Click to download

File Size   694.55 Kbytes
Page   6 Pages
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD
Description ANALOG Switch

MC74VHC1GT66 Datasheet (HTML) - E-Tech Electronics LTD

MC74VHC1GT66 Datasheet HTML 1Page - E-Tech Electronics LTD MC74VHC1GT66 Datasheet HTML 2Page - E-Tech Electronics LTD MC74VHC1GT66 Datasheet HTML 3Page - E-Tech Electronics LTD MC74VHC1GT66 Datasheet HTML 4Page - E-Tech Electronics LTD MC74VHC1GT66 Datasheet HTML 5Page - E-Tech Electronics LTD MC74VHC1GT66 Datasheet HTML 6Page - E-Tech Electronics LTD

MC74VHC1GT66 Product details

ANALOG Switch

The MC74VHC1GT66 is an advanced high speed CMOS bilateral analog switch fabricated with silicon gate CMOS technology. It achieves high speed propagation delays and low ON resistances while maintaining low power dissipation. This bilateral switch controls analog and digital voltages that may vary across the full power–supply range (from VCC to GND).
The MC74VHC1GT66 is compatible in function to a single gate of the very High Speed CMOS MC74VHCT4066. The device has been designed so that the ON resistances (RON) are much lower and more linear over input voltage.
The ON/OFF Control input is compatible with TTL–type input thresholds allowing the device to be used as a logic–level translator from 3.0 V CMOS logic to 5.0 V CMOS logic or from 1.8 V CMOS logic to 3.0 V CMOS logic while operating at the high–voltage power supply.
The input protection circuitry on this device allows overvoltage tolerance on the input, which provides protection when voltages of up to 7 V are applied, regardless of the supply voltage. This allows the MC74VHC1GT66 to be used to interface 5 V circuits to 3 V circuits.

• High Speed: t PD = 20 ns (Typ) at V CC = 5 V
• Low Power Dissipation: I CC = 2 µA (Max) at T A= 25°C
• Diode Protection Provided on Inputs and Outputs
• Improved Linearity and Lower ON Resistance over Input Voltage
• On/Off Control Input Has OVT




Similar Part No. - MC74VHC1GT66

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66 Datasheet
256Kb / 12P
   Analog Switch
November, 1999 ??Rev. 2
MC74VHC1GT66 ONSEMI-MC74VHC1GT66 Datasheet
119Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
MC74VHC1GT66DFT1 ONSEMI-MC74VHC1GT66DFT1 Datasheet
256Kb / 12P
   Analog Switch
November, 1999 ??Rev. 2
MC74VHC1GT66DFT1 ONSEMI-MC74VHC1GT66DFT1 Datasheet
119Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
MC74VHC1GT66DFT2 ONSEMI-MC74VHC1GT66DFT2 Datasheet
119Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
More results


Similar Description - MC74VHC1GT66

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74UH4066 HITACHI-HD74UH4066 Datasheet
51Kb / 9P
   Analog Switch
logo
Renesas Technology Corp
HD74HCT1G66 RENESAS-HD74HCT1G66 Datasheet
99Kb / 9P
   Analog Switch
logo
Hitachi Semiconductor
HD74LV1GT66A HITACHI-HD74LV1GT66A Datasheet
58Kb / 10P
   Analog Switch
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66 Datasheet
256Kb / 12P
   Analog Switch
November, 1999 ??Rev. 2
logo
Renesas Technology Corp
M51326P RENESAS-M51326P Datasheet
148Kb / 14P
   Analog switch
Rev.1.0 Sep.22.2003
HD74LV1GT66A RENESAS-HD74LV1GT66A_15 Datasheet
153Kb / 11P
   Analog Switch
HD74LV1G66A RENESAS-HD74LV1G66A Datasheet
101Kb / 12P
   Analog Switch
HD74HC1G66 RENESAS-HD74HC1G66 Datasheet
99Kb / 9P
   Analog Switch
HD74LV1G66A RENESAS-HD74LV1G66A_08 Datasheet
124Kb / 9P
   Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_08 Datasheet
117Kb / 9P
   Analog Switch
HD74ALVC1G66 RENESAS-HD74ALVC1G66_15 Datasheet
122Kb / 15P
   Analog Switch
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com