Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI554 Datasheet (PDF) - Skyworks Solutions Inc.

SI554 Datasheet PDF - Skyworks Solutions Inc.
Part # SI554
Download  SI554 Download
File Size   517.55 Kbytes
Page   15 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ

SI554 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI554 Datasheet PDF - Skyworks Solutions Inc.

Part # SI554
Download  SI554 Click to download

File Size   517.55 Kbytes
Page   15 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ

SI554 Datasheet (HTML) - Skyworks Solutions Inc.


SI554 Product details

Description
The Si554 quad-frequency VCXO utilizes Skyworks Solutions’ advanced
DSPLL® circuitry to provide a very low jitter clock for all output frequencies.
The Si554 is available with any-rate output frequency from 10 to 945 MHz
and selected frequencies to 1400 MHz. Unlike traditional VCXOs, where a
different crystal is required for each output frequency, the Si554 uses one
fixed crystal frequency to provide a wide range of output frequencies. This
IC-based approach allows the crystal resonator to provide exceptional
frequency stability and reliability. In addition, DSPLL clock synthesis
provides superior supply noise rejection, simplifying the task of generating
low jitter clocks in noisy environments typically found in communication
systems. The Si554 IC-based VCXO is factory-configurable for a wide
variety of user specifications including frequency, supply voltage, output
format, tuning slope, and temperature stability. Specific configurations are
factory-programmed at time of shipment, thereby eliminating the long lead
times associated with custom oscillators.

Features
 Available with any-rate output
frequencies from 10–945 MHz and
selected frequencies to 1.4 GHz
 Four selectable output frequencies
 3rd generation DSPLL® with superior
jitter performance
 3x better frequency stability than
SAW-based oscillators
 Internal fixed crystal frequency
ensures high reliability and low
aging
 Available CMOS, LVPECL,
LVDS, and CML outputs
 3.3, 2.5, and 1.8 V supply options
 Industry-standard 5 x 7 mm
package and pinout
 Pb-free/RoHS-compliant

Applications
 SONET/SDH
 xDSL
 10 GbE LAN / WAN
 Low jitter clock generation
 Optical modules
 Clock and data recovery




Similar Part No. - SI554

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI554 SILABS-SI554 Datasheet
132Kb / 15P
QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL
SI5540 SILABS-SI5540 Datasheet
308Kb / 20P
SiPHY OC-192/STM-64 TRANSMITTER
SI5540-BC SILABS-SI5540-BC Datasheet
308Kb / 20P
SiPHY OC-192/STM-64 TRANSMITTER
More results


Similar Description - SI554

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI550 SILABS-SI550 Datasheet
207Kb / 12P
VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
SI552 SILABS-SI552 Datasheet
186Kb / 8P
DUAL FREQUENCY VCXO (10 MHZ TO 1.4 GHZ)
SI533 SILABS-SI533 Datasheet
225Kb / 12P
DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
logo
Silicon image
550AD30M7200DG SILICONIMAGE-550AD30M7200DG Datasheet
114Kb / 15P
VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
logo
Skyworks Solutions Inc.
SI550 SKYWORKS-SI550 Datasheet
514Kb / 16P
VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D Rev. 1.2
SI552 SKYWORKS-SI552 Datasheet
499Kb / 15P
999900999789989DUAL FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D Rev. 1.2
SI532 SKYWORKS-SI532 Datasheet
487Kb / 12P
DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI534 SKYWORKS-SI534 Datasheet
512Kb / 12P
QUAD FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI596 SKYWORKS-SI596 Datasheet
527Kb / 16P
DUAL-FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 TO 810 MHZ
Rev. 1.2
SI597 SKYWORKS-SI597 Datasheet
514Kb / 13P
QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 TO 810 MHZ
Rev. 1.2
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com