Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDD16M64D8W Datasheet (PDF) - Hanbit Electronics Co.,Ltd

HDD16M64D8W Datasheet PDF - Hanbit Electronics Co.,Ltd
Part # HDD16M64D8W
Download  HDD16M64D8W Download

File Size   200.72 Kbytes
Page   10 Pages
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd
Description DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref., DIMM,

HDD16M64D8W Datasheet (PDF)

Go To PDF Page Download Datasheet
HDD16M64D8W Datasheet PDF - Hanbit Electronics Co.,Ltd

Part # HDD16M64D8W
Download  HDD16M64D8W Click to download

File Size   200.72 Kbytes
Page   10 Pages
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd
Description DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref., DIMM,

HDD16M64D8W Datasheet (HTML) - Hanbit Electronics Co.,Ltd

HDD16M64D8W Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HDD16M64D8W Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HDD16M64D8W Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HDD16M64D8W Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HDD16M64D8W Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HDD16M64D8W Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HDD16M64D8W Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HDD16M64D8W Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HDD16M64D8W Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HDD16M64D8W Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd

HDD16M64D8W Product details

GENERAL DESCRIPTION
The HANBiT HDD16M64D8W is 16M bit x 64 Double Data Rate SDRAM high density memory modules. The HANBiT HDD16M64D8W consists of eight CMOS 16M x 8 bit with 4banks Double Data Rate SDRAMs in 66pin TSOP-II(400mil) packages mounted on a 184pin glass-epoxy substrate. Four 0.1uF decoupling capacitors are mounted on the printed circuit board in parallel for each DDR SDRAM. T

FEATURES
• Part Identification
    HDD16M64D8W – 10A : 100MHz (CL=2)
    HDD16M64D8W – 13A : 133MHz (CL=2)
    HDD16M64D8W – 13B : 133MHz (CL=2.5)
• Power supply : VDD: 2.5V ± 0.2V, VDDQ: 2.5V ± 0.2V
• Double-data-rate architecture; two data transfers per clock cycle
• Bidirectional data strobe(DQS)
• Differential clock inputs(CK and CK)
• DLL aligns DQ and DQS transition with CK transition
• Programmable Read latency 2, 2.5 (clock)
• Programmable Burst length (2, 4, 8)
• Programmable Burst type (sequential & interleave)
• Edge aligned data output, center aligned data input
• Auto & Self refresh, 7.8us refresh interval(8K/64ms refresh)
• Serial presence detect with EEPROM
• PCB : Height 1250 mil, double sided component




Similar Part No. - HDD16M64D8W

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HDD16M64B8 HANBIT-HDD16M64B8 Datasheet
161Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref. SO-DIMM
HDD16M64B8-10A HANBIT-HDD16M64B8-10A Datasheet
161Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref. SO-DIMM
HDD16M64B8-13A HANBIT-HDD16M64B8-13A Datasheet
161Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref. SO-DIMM
HDD16M64B8-13B HANBIT-HDD16M64B8-13B Datasheet
161Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref. SO-DIMM
HDD16M64F8 HANBIT-HDD16M64F8 Datasheet
136Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref., SMM,
More results


Similar Description - HDD16M64D8W

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HDD16M64B8 HANBIT-HDD16M64B8 Datasheet
161Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref. SO-DIMM
HDD16M64F8 HANBIT-HDD16M64F8 Datasheet
136Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref., SMM,
HDD32M64F8K HANBIT-HDD32M64F8K Datasheet
160Kb / 11P
   DDR SDRAM Module 256Mbyte (32Mx64bit), based on16Mx8,4Banks, 4K Ref., SMM,
HSD16M64D8H HANBIT-HSD16M64D8H Datasheet
91Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64D16A HANBIT-HSD16M64D16A Datasheet
155Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), DIMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64D8A HANBIT-HSD16M64D8A Datasheet
83Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit),DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HDD16M72D9RPW HANBIT-HDD16M72D9RPW Datasheet
338Kb / 10P
   DDR SDRAM Module 128Mbyte (16Mx72bit), based on 16Mx8, 4Banks 4K Ref., 184Pin-DIMM with PLL & Register
HDD16M72D9W HANBIT-HDD16M72D9W Datasheet
152Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx72bit), based on 16Mx8, 4Banks 4K Ref., 184Pin-DIMM with Unbuffered ECC
HSD16M64F8K HANBIT-HSD16M64F8K Datasheet
1Mb / 30P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), SMM ,16Mx8, 4Banks, 4K Ref. 3.3V
HDD32M64B8 HANBIT-HDD32M64B8 Datasheet
162Kb / 11P
   DDR SDRAM Module 256Mbyte (32Mx64bit), based on32Mx8,4Banks, 8K Ref., SO-DIMM
More results




About Hanbit Electronics Co.,Ltd


Hanbit Electronics Co., Ltd is a South Korean company that specializes in the design and manufacturing of electronic components and modules for a variety of industries. Their product portfolio includes passive components such as resistors, capacitors, and inductors, as well as active components such as ICs and LEDs.

Hanbit Electronics has a strong focus on research and development, and they have a team of experienced engineers who work on developing new products and technologies. They also have a global network of sales and distribution channels, which allows them to provide their products and services to customers around the world.

Some of the key industries that Hanbit Electronics serves include automotive, telecommunications, consumer electronics, and industrial equipment. Their products are used in a variety of applications, such as power supplies, lighting systems, display panels, and communication devices.

Hanbit Electronics is committed to providing high-quality products and services to their customers, and they have received various certifications for their quality management systems, including ISO 9001 and ISO/TS 16949.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com