Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UF800 Datasheet (PDF) - Pan Jit International Inc.

UF800 Datasheet PDF - Pan Jit International Inc.
Part No. UF800
Download  UF800 Click to view

File Size   71.31 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description ULTRAFAST SWITCHING RECTIFIER

UF800 Datasheet (PDF)

Go To PDF Page Download Datasheet
UF800 Datasheet PDF - Pan Jit International Inc.

Part No. UF800
Download  UF800 Click to view

File Size   71.31 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description ULTRAFAST SWITCHING RECTIFIER

UF800 Datasheet (HTML) - Pan Jit International Inc.

UF800 Datasheet HTML 1Page - Pan Jit International Inc. UF800 Datasheet HTML 2Page - Pan Jit International Inc.

UF800 Product details

VOLTAGE 50 to 600 Volts CURRENT 8.0 Amperes



FEATURES

• Plastic package has Underwriters Laboratory

   Flammability Classification 94V-O utilizing

  Flame Retardant Epoxy Molding Compound.

• Exceeds environmental standards of MIL-S-19500/228

• Low power loss, high efficiency.

• Low forwrd voltge, high current capability

• High surge capacity.

• Ultra fast recovery times, high voltage.

• In compliance with EU RoHS 2002/95/EC directives



MECHANCAL DATA

• Case: TO-220AC full molded plastic package

• Terminals: Lead solderable per MIL-STD-750, Method 2026

• Polarity: As marked.

• Standard packaging: Any

• Weight: 0.0655 ounces, 1.859 grams.



Similar Part No. - UF800

ManufacturerPart No.DatasheetDescription
Won-Top Electronics
Won-Top Electronics
UF800 WTE-UF800 Datasheet
47Kb / 3P
   8.0A ULTRAFAST GLASS PASSIVATED RECTIFIER
UF800 WTE-UF800 Datasheet
50Kb / 4P
   8.0A GLASS PASSIVATED ULTRAFAST RECTIFIER
Pan Jit International Inc.
Pan Jit International I...
UF800 PANJIT-UF800 Datasheet
41Kb / 2P
   ULTRAFAST RECOCVEY RECTIFIERS
CHENG-YI ELECTRONIC CO., LTD.
CHENG-YI ELECTRONIC CO....
UF800 CHENG-YI-UF800 Datasheet
160Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS
Pan Jit International Inc.
Pan Jit International I...
UF800 PANJIT-UF800 Datasheet
95Kb / 2P
   ULTRAFAST RECOCVEY RECTIFIERS
More results

Similar Description - UF800

ManufacturerPart No.DatasheetDescription
Transys Electronics
Transys Electronics
UF150 TRSYS-UF150 Datasheet
156Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
UF600 TRSYS-UF600 Datasheet
156Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
New Jersey Semi-Conductor Products, Inc.
New Jersey Semi-Conduct...
UF600 NJSEMI-UF600 Datasheet
149Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
Pan Jit International Inc.
Pan Jit International I...
UF200 PANJIT-UF200_09 Datasheet
43Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
Transys Electronics
Transys Electronics
UF100 TRSYS-UF100 Datasheet
158Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
UF1600 TRSYS-UF1600 Datasheet
176Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
UF300 TRSYS-UF300 Datasheet
154Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
International Rectifier
International Rectifier
10DF6 IRF-10DF6 Datasheet
53Kb / 4P
   ULTRAFAST SWITCHING RECTIFIER
Shenzhen Ping Sheng Electronics Co., Ltd.
Shenzhen Ping Sheng Ele...
UF200 PFS-UF200 Datasheet
153Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
Transys Electronics
Transys Electronics
UF100S TRSYS-UF100S Datasheet
158Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz