Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

19384 Datasheet (PDF) - Alpha Wire

19384 Datasheet PDF - Alpha Wire
Part # 19384
Download  19384 Download

File Size   98.56 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

19384 Datasheet (PDF)

Go To PDF Page Download Datasheet
19384 Datasheet PDF - Alpha Wire

Part # 19384
Download  19384 Click to download

File Size   98.56 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

19384 Datasheet (HTML) - Alpha Wire


19384 Product details

Construction
Diameters (In)
1) Component 1 4 X 1 COND
a) Conductor 10 (105/30) AWG BC 0.118
b) Insulation 0.050" Wall, Nom. Neoprene 0.224
(1) Separator Paper Tape, 10% Overlap, Min.
(2) Color(s)
Cond Color Cond Color Cond Color
1 BLACK 3 RED
2 WHITE 4 GREEN
2) Cable Assembly 4 Components Cabled
a) Twists: 2.5 Twists/foot (min)
3) Jacket
0.100" Wall, Nom.,Chlorinated
Polyethylene (CPE)
0.750+/- 0.028
a) Color(s) BLACK
b) Jacket Separator Tissue Tape, 25% Overlap, Min.
c) Print
ALPHA WIRE-* P/N 1938/4 4C 10 AWG (5.32mm2)
(UL) C(UL) TYPE SOOW 90C 600V -40C FT2
CE ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of
manufacture.]




Similar Part No. - 19384

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
193842-1 MACOM-193842-1 Datasheet
49Kb / 1P
   SOCKET ASSY, 2mm, 12-14 AWG HIGHCURRENT MATE-N-LOK II
193842-2 MACOM-193842-2 Datasheet
49Kb / 1P
   SOCKET ASSY, 2mm, 12-14 AWG HIGHCURRENT MATE-N-LOK II
193842-3 MACOM-193842-3 Datasheet
49Kb / 1P
   SOCKET ASSY, 2mm, 12-14 AWG HIGHCURRENT MATE-N-LOK II
logo
List of Unclassifed Man...
193846-1 ETC2-193846-1 Datasheet
40Kb / 1P
   SOCKET ASSY, 14 AWG HIGH CURRENT TYPE
More results


Similar Description - 19384

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5650B2008 ALPHAWIRE-5650B2008 Datasheet
107Kb / 4P
   Customer Specification
9159 ALPHAWIRE-9159 Datasheet
106Kb / 4P
   Customer Specification
9848 ALPHAWIRE-9848 Datasheet
106Kb / 4P
   Customer Specification
FIT-260-34 ALPHAWIRE-FIT-260-34 Datasheet
106Kb / 4P
   Customer Specification
FIT-221-116 ALPHAWIRE-FIT-221-116 Datasheet
112Kb / 4P
   Customer Specification
FIT-321V-34 ALPHAWIRE-FIT-321V-34 Datasheet
106Kb / 4P
   Customer Specification
CAP-22 ALPHAWIRE-CAP-22 Datasheet
106Kb / 4P
   Customer Specification
1604 ALPHAWIRE-1604_14 Datasheet
106Kb / 4P
   Customer Specification
FIT-295-18 ALPHAWIRE-FIT-295-18 Datasheet
107Kb / 4P
   Customer Specification
FIT-321-18 ALPHAWIRE-FIT-321-18 Datasheet
106Kb / 4P
   Customer Specification
FIT-350-316 ALPHAWIRE-FIT-350-316 Datasheet
107Kb / 4P
   Customer Specification
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com