Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS441165 Datasheet (PDF) - Littelfuse

TS441165 Datasheet PDF - Littelfuse
Part # TS441165
Download  TS441165 Download
File Size   730.62 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Time Delay Relays / Dedicated - Delay-on-Make, Normally Closed

TS441165 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS441165 Datasheet PDF - Littelfuse

Part # TS441165
Download  TS441165 Click to download

File Size   730.62 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Time Delay Relays / Dedicated - Delay-on-Make, Normally Closed

TS441165 Datasheet (HTML) - Littelfuse


TS441165 Product details

Description
The TS441165 is an analog delay-on-make timer with a normally
closed solid-state output. Unlike an interval timer, the load is
energized prior to and during the time delay period. It can be
used as a faster starting interval time delay when S1 is closed
upon application of input voltage.
Operation (Delay-on-Make NC)
Upon application of input voltage, the load is energized
immediately. When the initiate switch is closed, the time delay
begins. At the end of the time delay, the load de-energizes.
Reset: When the initiate switch is reopened, the load again
energizes and the time delay is reset. Removing input voltage
resets the time delay and output.

FEATURES BENEFITS
Analog circuitry Repeat Accuracy + / - 2%
Compact, low
cost design Allows flexiblility for OEM applications
1A steady, 10A inrush
solid-state output Provides 100 million operations in typical conditions.
Load energized prior to
and during time delay Faster operation
Totally solid state and
encapsulated
No moving parts to arc and wear out over time and
encapsulated to protect against shock, vibration,
and humidity
Normally closed output Can be used as a faster starting interval time delay




Similar Part No. - TS441165

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4405P TSC-TS4405P Datasheet
149Kb / 3P
Single P-Channel 1.8V Specified MicroSURF?
logo
STMicroelectronics
TS4431 STMICROELECTRONICS-TS4431 Datasheet
162Kb / 8P
1.224V Open Collector Shunt Voltage Reference
TS4431AILT STMICROELECTRONICS-TS4431AILT Datasheet
162Kb / 8P
1.224V Open Collector Shunt Voltage Reference
TS4431ILT STMICROELECTRONICS-TS4431ILT Datasheet
162Kb / 8P
1.224V Open Collector Shunt Voltage Reference
TS4436 STMICROELECTRONICS-TS4436 Datasheet
96Kb / 8P
Adjustable 0.6V Open Collector Shunt Voltage Reference
More results


Similar Description - TS441165

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TDM120AL LITTELFUSE-TDM120AL Datasheet
323Kb / 2P
Time Delay Relays DELAY-ON-MAKE
1-B-030121
KRDM LITTELFUSE-KRDM Datasheet
609Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
KSPS LITTELFUSE-KSPS Datasheet
531Kb / 3P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
TSDB LITTELFUSE-TSDB Datasheet
514Kb / 2P
Time Delay Relays - Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TH1 LITTELFUSE-TH1 Datasheet
437Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
THDB LITTELFUSE-THDB Datasheet
403Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TMV8000 LITTELFUSE-TMV8000 Datasheet
565Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-B-100416
TRB LITTELFUSE-TRB Datasheet
355Kb / 2P
Time Delay Relays / DEDICATED - DELAY-ON-BREAK
2021 Rev: 1-B-030121
TRM LITTELFUSE-TRM Datasheet
388Kb / 2P
Time Delay Relays / DELAY-ON-MAKE
2021 Rev: 1-B-030121
TS1 LITTELFUSE-TS1 Datasheet
574Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062116
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com