Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1060632 Datasheet (PDF) - PHOENIX CONTACT

1060632 Datasheet PDF - PHOENIX CONTACT
Part # 1060632
Download  1060632 Download
File Size   221.03 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Web panel - BWP 2070W

1060632 Datasheet (PDF)

Go To PDF Page Download Datasheet
1060632 Datasheet PDF - PHOENIX CONTACT

Part # 1060632
Download  1060632 Click to download

File Size   221.03 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Web panel - BWP 2070W

1060632 Datasheet (HTML) - PHOENIX CONTACT


1060632 Product details

Web panel with 17.8 cm/7" TFT-display (analog resistive (polyester)), 800 x 480 pixel(s)
(WVGA), 16.7 million colors, i.MX 6DualLite, 454 MHz, 1x USB Host 2.0, 1 x Ethernet (10/100
Mbps), RJ45, Yocto/Linux and user software: QT browser. (bus system: without)




Similar Part No. - 1060632

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1060632100 MOLEX1-1060632100 Datasheet
39Kb / 1P
Tight-Jacketed Cable SC Connector, Singlemode, APC, Green Housing, Straight Boot
1060632100 MOLEX-1060632100 Datasheet
38Kb / 1P
Tight-Jacketed Cable SC Connector, Singlemode, APC, Green Housing, Straight Boot, Simplex Cable, Diameter 2.00mm
1060632100 MOLEX-1060632100_V01 Datasheet
38Kb / 1P
Tight-Jacketed Cable SC Connector, Singlemode, APC, Green Housing, Straight Boot, Simplex Cable, Diameter 2.00mm
1060632200 MOLEX1-1060632200 Datasheet
39Kb / 1P
Tight-Jacketed Cable SC Connector, Singlemode, Blue Housing, Straight Boot
1060632200 MOLEX-1060632200 Datasheet
38Kb / 1P
Tight-Jacketed Cable SC Connector, Singlemode, Blue Housing, Straight Boot, Simplex Cable, Diameter 2.00mm
More results


Similar Description - 1060632

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1060549 PHOENIX-1060549 Datasheet
222Kb / 6P
Web panel - BWP 2043W
Dec 2, 2022
1060630 PHOENIX-1060630 Datasheet
219Kb / 6P
Web panel - BWP 2102W
Dec 2, 2022
1046666 PHOENIX-1046666 Datasheet
77Kb / 5P
Touch panel - BTP 2070W
09/11/2020
logo
WAGO Kontakttechnik Gmb...
762-1104 WAGO-762-1104 Datasheet
233Kb / 4P
Web Panel; 26.4 cm (10.4
logo
PHOENIX CONTACT
1290800 PHOENIX-1290800 Datasheet
282Kb / 9P
Web panel - WP 6070-WVPS
Nov 16, 2022
1290803 PHOENIX-1290803 Datasheet
282Kb / 9P
Web panel - WP 6156-WHPS
Nov 16, 2022
1290807 PHOENIX-1290807 Datasheet
282Kb / 9P
Web panel - WP 6185-WHPS
Nov 16, 2022
1290809 PHOENIX-1290809 Datasheet
282Kb / 9P
Web panel - WP 6215-WHPS
Nov 16, 2022
1290801 PHOENIX-1290801 Datasheet
283Kb / 9P
Web panel - WP 6101-WXPS
Nov 16, 2022
1290802 PHOENIX-1290802 Datasheet
283Kb / 9P
Web panel - WP 6121-WXPS
Nov 16, 2022
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com