Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1044028 Datasheet (PDF) - PHOENIX CONTACT

1044028 Datasheet PDF - PHOENIX CONTACT
Part # 1044028
Download  1044028 Download
File Size   965.16 Kbytes
Page   30 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Industrial Ethernet Switch - FL SWITCH 2206-2SFXPN

1044028 Datasheet (PDF)

Go To PDF Page Download Datasheet
1044028 Datasheet PDF - PHOENIX CONTACT

Part # 1044028
Download  1044028 Click to download

File Size   965.16 Kbytes
Page   30 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Industrial Ethernet Switch - FL SWITCH 2206-2SFXPN

1044028 Datasheet (HTML) - PHOENIX CONTACT


1044028 Product details

Managed Switch 2000, 6 RJ45 ports 10/100 Mbps, 2 SFP ports 100 Mbps, PROFINET
Conformance-Class B, PROFINET mode preset, PROFINET status LEDs

Your advantages
• RSTP
• Ambient temperature -40 °C ... 70 °C
• MRP (client and manager)
• VLANs
• DHCP client, DHCP server (pool-based and port-based), DHCP option 82
• Web-based management, SNMP
• Slim design
• Configuration memory
• Easy and fast startup and commissioning with the FL NETWORK MANAGER software
• PROFINET mode preset




Similar Part No. - 1044028

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
104402000001 ERNI-104402000001 Datasheet
45Kb / 1P
F 2,54 SRC-A, 4-polig BA 2
104402070001 ERNI-104402070001 Datasheet
51Kb / 1P
F 2,54 SRC-A, 5-polig BA 2
logo
PHOENIX CONTACT
1044024 PHOENIX-1044024 Datasheet
667Kb / 21P
Industrial Ethernet Switch - FL SWITCH 2208 PN
Dec 2, 2022
logo
ERNI Electronics
104402780001 ERNI-104402780001 Datasheet
61Kb / 1P
F 2,54 SRC-A, 8-polig BA 2
logo
PHOENIX CONTACT
1044029 PHOENIX-1044029 Datasheet
693Kb / 20P
Industrial Ethernet Switch - FL SWITCH 2216 PN
Dec 2, 2022
More results


Similar Description - 1044028

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1085039 PHOENIX-1085039 Datasheet
274Kb / 8P
Industrial Ethernet Switch - FL SWITCH 1005N
1085243 PHOENIX-1085243 Datasheet
261Kb / 8P
Industrial Ethernet Switch - FL SWITCH 1108N
2702969 PHOENIX-2702969 Datasheet
286Kb / 14P
Industrial Ethernet Switch - FL SWITCH 2206-2SFX
2702326 PHOENIX-2702326 Datasheet
236Kb / 10P
Industrial Ethernet Switch - FL SWITCH 2205
2702666 PHOENIX-2702666 Datasheet
228Kb / 10P
Industrial Ethernet Switch - FL SWITCH 2108
2702330 PHOENIX-2702330 Datasheet
275Kb / 3P
Industrial Ethernet Switch - FL SWITCH 2206-2FX
2702652 PHOENIX-2702652 Datasheet
247Kb / 11P
Industrial Ethernet Switch - FL SWITCH 2308
1085165 PHOENIX-1085165 Datasheet
409Kb / 14P
Industrial Ethernet Switch - FL SWITCH 1008NT
Nov 16, 2022
1044030 PHOENIX-1044030 Datasheet
994Kb / 30P
Industrial Ethernet Switch - FL SWITCH 2214-2SFXPN
Dec 2, 2022
2891032 PHOENIX-2891032 Datasheet
459Kb / 14P
Industrial Ethernet Switch - FL SWITCH 3005T
Dec 2, 2022
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com