Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQHV12-01ETG-C Datasheet (PDF) - Littelfuse

AQHV12-01ETG-C Datasheet PDF - Littelfuse
Part # AQHV12-01ETG-C
Download  AQHV12-01ETG-C Download

File Size   812.62 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description General Purpose ESD Protection

AQHV12-01ETG-C Datasheet (PDF)

Go To PDF Page Download Datasheet
AQHV12-01ETG-C Datasheet PDF - Littelfuse

Part # AQHV12-01ETG-C
Download  AQHV12-01ETG-C Click to download

File Size   812.62 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description General Purpose ESD Protection

AQHV12-01ETG-C Datasheet (HTML) - Littelfuse

AQHV12-01ETG-C Datasheet HTML 1Page - Littelfuse AQHV12-01ETG-C Datasheet HTML 2Page - Littelfuse AQHV12-01ETG-C Datasheet HTML 3Page - Littelfuse AQHV12-01ETG-C Datasheet HTML 4Page - Littelfuse AQHV12-01ETG-C Datasheet HTML 5Page - Littelfuse AQHV12-01ETG-C Datasheet HTML 6Page - Littelfuse

AQHV12-01ETG-C Product details

Description
The AQHVxx-01ETG-C series is designed to provide an option for
very fast acting, high performance over-voltage protection
components. This series is ideally suited for power interfaces,
passenger charging interfaces, and well as LED lighting modules,
and low speed I/Os. It will protect sensitive equipment from
damage due to electrostatic discharge (ESD) and other overvoltage
transients.
The AQHVxx-01ETG-C series can safely absorb repetitive ESD
strikes above the maximum level of the IEC 61000-4-2
international standard (Level 4, ±8kV contact discharge) without
performance degradation and safely conduct up to 8A (AQHV12-C)
of induced surge current (IEC 61000-4-5 2nd edition, tP=8/20μs)
with very low clamping voltages.

Features & Benefits
■ ESD, IEC 61000-4-2,
±30kV contact, ±30kV air
■ EFT, IEC 61000-4-4, 40A
5/50ns)
■ Lightning, IEC 61000-4-5
2nd Edition, 8A (8/20us)
for AQHV12-C
■ Low clamping voltage
■ PPAP capable
■ Low leakage current
■ Small SOD882 packaging
helps save board space
■ AEC-Q101 qualified
■ Moisture Sensitivity
Level(MSL -1)
■ Halogen free, lead free
and RoHS compliant

Applications
■ LED Lighting Modules
■ Portable Instrumentation
■ General Purpose I/O
■ RS232 / RS485
■ CAN and LIN Bus
■ Automotive application




Similar Part No. - AQHV12-01ETG-C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AQHV12-01ETG LITTELFUSE-AQHV12-01ETG Datasheet
874Kb / 6P
   AQHVxx-01ETG series 200W Unidirectional TVS Diode
2018 Littelfuse, Inc.
More results


Similar Description - AQHV12-01ETG-C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AQ1003-01ETG LITTELFUSE-AQ1003-01ETG Datasheet
781Kb / 5P
   General Purpose ESD Protection
2021 Littelfuse, Inc.
AQ24CANA LITTELFUSE-AQ24CANA Datasheet
1Mb / 5P
   General Purpose ESD Protection
2021 Littelfuse, Inc.
SC1333-01ETG LITTELFUSE-SC1333-01ETG Datasheet
937Kb / 5P
   TVS Diode Arrays General Purpose ESD Protection
Revision: 11/24/20
SP1021-01WTG LITTELFUSE-SP1021-01WTG Datasheet
2Mb / 4P
   TVS Diode Arrays General Purpose ESD Protection
AQ1205-01FTG LITTELFUSE-AQ1205-01FTG Datasheet
679Kb / 5P
   Bidirectional Discrete TVS Diode, General Purpose ESD Protection
2022 Littelfuse, Inc
SP1064E LITTELFUSE-SP1064E Datasheet
621Kb / 5P
   14.0pF, 25kV Diode Array, General Purpose ESD Protection
2022 Littelfuse, Inc
AQ15CANA-02HTG LITTELFUSE-AQ15CANA-02HTG Datasheet
641Kb / 5P
   21pF, 9A Bidirectional TVS, General Purpose ESD Protection
2022 Littelfuse, Inc.
SC1533-01FTG LITTELFUSE-SC1533-01FTG Datasheet
613Kb / 5P
   Bidirectional 3.3V, 15A, SOD323, General purpose ESD Protection
2022 Littelfuse, Inc.
SC1533-01LTG LITTELFUSE-SC1533-01LTG Datasheet
580Kb / 5P
   Bidirectional 3.3V, 15A, SOD523, General purpose ESD Protection
2022 Littelfuse, Inc
AQ36CANA-02HTG LITTELFUSE-AQ36CANA-02HTG Datasheet
643Kb / 5P
   23pF, 8A Bidirectional TVS, General Purpose ESD Protection
F.W.09/07/22
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com