Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQ24CANA Datasheet (PDF) - Littelfuse

AQ24CANA Datasheet PDF - Littelfuse
Part # AQ24CANA
Download  AQ24CANA Download

File Size   1050.65 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description General Purpose ESD Protection

AQ24CANA Datasheet (PDF)

Go To PDF Page Download Datasheet
AQ24CANA Datasheet PDF - Littelfuse

Part # AQ24CANA
Download  AQ24CANA Click to download

File Size   1050.65 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description General Purpose ESD Protection

AQ24CANA Datasheet (HTML) - Littelfuse

AQ24CANA Datasheet HTML 1Page - Littelfuse AQ24CANA Datasheet HTML 2Page - Littelfuse AQ24CANA Datasheet HTML 3Page - Littelfuse AQ24CANA Datasheet HTML 4Page - Littelfuse AQ24CANA Datasheet HTML 5Page - Littelfuse

AQ24CANA Product details

Description
The AQ24CANA TVS Diode Array is designed to protect
automotive Controller Area Network (CAN) lines from damage due
to electrostatic discharge (ESD), electrical fast transient (EFT), and
other overvoltage transients.
The AQ24CANA can absorb repetitive ESD strikes above the
maximum level specified in IEC 61000-4-2 international standard
without performance degradation and safely dissipate 5A of
8/20μs surge current (IEC 61000-4-5 2nd Edition) with very low
clamping voltages.

Features & Benefits
■ ESD, IEC 61000-4-2, ±27kV
contact, ±30kV air
■ EFT, IEC 61000-4-4, 50A
(5/50ns)
■ Lightning, 5A (8/20μs as
defined in IEC 61000-4-5 2nd
Edition)
■ PPAP capable
■ Low clamping voltage
■ Low leakage current
■ ESD, ISO 10605, 330pF
330Ω, ±27kV contact, ±30kV
air
■ AEC-Q101 qualified
■ Halogen-Free, Lead-Free and
RoHS-Compliant
■ Moisture Sensitivity
Level(MSL -1)

Applications
■ Automotive Applications
■ CAN Bus
■ Electronic Control Units
■ Body Control Units
■ ADAS Control Units
■ PowerTrain Control Units
■ Telematics and Connectivity
■ LED Lighting Control




Similar Part No. - AQ24CANA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AQ24CANFD LITTELFUSE-AQ24CANFD Datasheet
3Mb / 5P
   The AQ24CANFD is designed to protect automotive Controller Area Network (CAN) lines from damage due to electrostatic discharge (ESD), electrical fast transient (EFT), and other overvoltage transients
AQ24CANFD-02HTG LITTELFUSE-AQ24CANFD-02HTG Datasheet
3Mb / 5P
   The AQ24CANFD is designed to protect automotive Controller Area Network (CAN) lines from damage due to electrostatic discharge (ESD), electrical fast transient (EFT), and other overvoltage transients
More results


Similar Description - AQ24CANA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AQ1003-01ETG LITTELFUSE-AQ1003-01ETG Datasheet
781Kb / 5P
   General Purpose ESD Protection
2021 Littelfuse, Inc.
AQHVXX-01ETG-C LITTELFUSE-AQHVXX-01ETG-C Datasheet
812Kb / 6P
   General Purpose ESD Protection
2021 Littelfuse, Inc
SC1333-01ETG LITTELFUSE-SC1333-01ETG Datasheet
937Kb / 5P
   TVS Diode Arrays General Purpose ESD Protection
Revision: 11/24/20
SP1021-01WTG LITTELFUSE-SP1021-01WTG Datasheet
2Mb / 4P
   TVS Diode Arrays General Purpose ESD Protection
AQ1205-01FTG LITTELFUSE-AQ1205-01FTG Datasheet
679Kb / 5P
   Bidirectional Discrete TVS Diode, General Purpose ESD Protection
2022 Littelfuse, Inc
SP1064E LITTELFUSE-SP1064E Datasheet
621Kb / 5P
   14.0pF, 25kV Diode Array, General Purpose ESD Protection
2022 Littelfuse, Inc
AQ15CANA-02HTG LITTELFUSE-AQ15CANA-02HTG Datasheet
641Kb / 5P
   21pF, 9A Bidirectional TVS, General Purpose ESD Protection
2022 Littelfuse, Inc.
SC1533-01FTG LITTELFUSE-SC1533-01FTG Datasheet
613Kb / 5P
   Bidirectional 3.3V, 15A, SOD323, General purpose ESD Protection
2022 Littelfuse, Inc.
SC1533-01LTG LITTELFUSE-SC1533-01LTG Datasheet
580Kb / 5P
   Bidirectional 3.3V, 15A, SOD523, General purpose ESD Protection
2022 Littelfuse, Inc
AQ36CANA-02HTG LITTELFUSE-AQ36CANA-02HTG Datasheet
643Kb / 5P
   23pF, 8A Bidirectional TVS, General Purpose ESD Protection
F.W.09/07/22
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com