Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQ1205-01FTG Datasheet (PDF) - Littelfuse

AQ1205-01FTG Datasheet PDF - Littelfuse
Part # AQ1205-01FTG
Download  AQ1205-01FTG Download

File Size   679.54 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Bidirectional Discrete TVS Diode, General Purpose ESD Protection

AQ1205-01FTG Datasheet (PDF)

Go To PDF Page Download Datasheet
AQ1205-01FTG Datasheet PDF - Littelfuse

Part # AQ1205-01FTG
Download  AQ1205-01FTG Click to download

File Size   679.54 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Bidirectional Discrete TVS Diode, General Purpose ESD Protection

AQ1205-01FTG Datasheet (HTML) - Littelfuse

AQ1205-01FTG Datasheet HTML 1Page - Littelfuse AQ1205-01FTG Datasheet HTML 2Page - Littelfuse AQ1205-01FTG Datasheet HTML 3Page - Littelfuse AQ1205-01FTG Datasheet HTML 4Page - Littelfuse AQ1205-01FTG Datasheet HTML 5Page - Littelfuse

AQ1205-01FTG Product details

Description
The AQ1205-01FTG bidirectional TVS is fabricated in a proprietary
silicon avalanche technology. These diodes provide a high ESD
electrostatic discharge) protection level for electronic equipment.
The AQ1205-01FTG TVS can safely absorb repetitive ESD strikes
of ±30 kV (contact and air discharge as defined in IEC 61000-4-2)
without any performance degradation. In addition, it can safely
dissipate a 7A 8/20μs surge event as defined in IEC 61000-4-5, 2nd
Edition.

Features
■ ESD, IEC 61000-4-2, ±30kV
contact/air
■ ESD, ISO10605 330pF 330Ω,
±30kV contact/air
■ EFT, IEC 61000-4-4, 40A
(5/50ns)
■ Maximum surge tolerance,
IEC 61000-4-5, 2nd Edition,
7A (8/20μs)
■ Low leakage current of 20nA
(MAX) at 5V
■ Low clamping voltage
■ Halogen-free, lead-free and
RoHS compliant
■ Moisture Sensitivity Level
(MSL -1)
■ AEC-Q101 Qualified and
PPAP Capable

Applications
■ Automotive
■ Battery
■ Computer Peripherals
■ Medical Equipment
■ Notebooks / Desktops /
Servers
■ Point-of-Sale Terminals
■ Switches / Buttons
■ Test Equipment /
Instrumentation




Similar Part No. - AQ1205-01FTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AQ1205-01ETG LITTELFUSE-AQ1205-01ETG Datasheet
666Kb / 5P
   Bidirectional Discrete TVS Diode, General Purpose Surge Protection
2022 Littelfuse, Inc.
More results


Similar Description - AQ1205-01FTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SC1210-01ETG LITTELFUSE-SC1210-01ETG Datasheet
760Kb / 5P
   Bidirectional Discrete TVS Diode, General Purpose Surge Protection
Revised: 04/27/21
SC1205-01UTG LITTELFUSE-SC1205-01UTG Datasheet
553Kb / 5P
   Bidirectional Discrete TVS Diode, General Purpose Surge Protection
2022 Littelfuse, Inc.
SC1205-01ETG LITTELFUSE-SC1205-01ETG Datasheet
449Kb / 5P
   Bidirectional Discrete TVS Diode, General Purpose Surge Protection
2022 Littelfuse, Inc.
AQ1205-01ETG LITTELFUSE-AQ1205-01ETG Datasheet
666Kb / 5P
   Bidirectional Discrete TVS Diode, General Purpose Surge Protection
2022 Littelfuse, Inc.
AQ1210-01ETG LITTELFUSE-AQ1210-01ETG Datasheet
994Kb / 5P
   Bidirectional Discrete TVS Diode, General Purpose Surge Protection
2021 Littelfuse, Inc.
AQ15CANA-02HTG LITTELFUSE-AQ15CANA-02HTG Datasheet
641Kb / 5P
   21pF, 9A Bidirectional TVS, General Purpose ESD Protection
2022 Littelfuse, Inc.
AQ36CANA-02HTG LITTELFUSE-AQ36CANA-02HTG Datasheet
643Kb / 5P
   23pF, 8A Bidirectional TVS, General Purpose ESD Protection
F.W.09/07/22
AQ12CANA-02HTG LITTELFUSE-AQ12CANA-02HTG Datasheet
635Kb / 5P
   28pF, 12A Bidirectional TVS, General Purpose ESD Protection
2022 Littelfuse, Inc.
SP1021-01WTG LITTELFUSE-SP1021-01WTG Datasheet
2Mb / 4P
   TVS Diode Arrays General Purpose ESD Protection
SC1333-01ETG LITTELFUSE-SC1333-01ETG Datasheet
937Kb / 5P
   TVS Diode Arrays General Purpose ESD Protection
Revision: 11/24/20
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com