Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW4105T1 Datasheet (PDF) - New Japan Radio

NJW4105T1 Datasheet PDF - New Japan Radio
Part # NJW4105T1
Download  NJW4105T1 Download

File Size   664.32 Kbytes
Page   23 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description HIGH VOLTAGE IO = 500 mA LDO REGULATOR

NJW4105T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJW4105T1 Datasheet PDF - New Japan Radio

Part # NJW4105T1
Download  NJW4105T1 Click to download

File Size   664.32 Kbytes
Page   23 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description HIGH VOLTAGE IO = 500 mA LDO REGULATOR

NJW4105T1 Datasheet (HTML) - New Japan Radio


NJW4105T1 Product details

■ FEATURES
● AEC-Q100 grade 1 qualified
● Fast transient response
● Wide operating voltage 4.0 V to 40 V
● Wide operating temperature Ta = −40°C to 125°C
● High-accuracy output voltage VO ±1.0% (Ta = 25°C)
VO ±1.5% (Ta = −40 C to 125°C)
● Output current 500 mA (min)
● ON/OFF control
● Ceramic capacitor compatible
● Undervoltage lockout
● Thermal shutdown
● Overcurrent protection
● Package TO-252-5-L5

■ DESCRIPTION
The NJW4105-T1 is a 45 V, IO = 500 mA fast transient
response low dropout regulator. This device achieves fast
transient response and offers stable output voltage at line or
load fluctuations.
The NJW4105-T1 provides outstanding high output voltage
accuracy that guaranteed ±1.5% under the conditions of VIN =
VO + 1 V to 40 V, IO = 0 mA to 500 mA, and Ta = −40 C to
125°C.
Moreover, wide operating voltage and wide operating
temperature make the NJW4105-T1 ideal for automotive
equipment or applications that require high reliability.




Similar Part No. - NJW4105T1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4105 NJRC-NJW4105 Datasheet
462Kb / 23P
   HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.1
NJW4105DL5-05A NJRC-NJW4105DL5-05A Datasheet
462Kb / 23P
   HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.1
NJW4105DL5-08A NJRC-NJW4105DL5-08A Datasheet
462Kb / 23P
   HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.1
NJW4105DL5-33A NJRC-NJW4105DL5-33A Datasheet
462Kb / 23P
   HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.1
More results


Similar Description - NJW4105T1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4105 NJRC-NJW4105 Datasheet
462Kb / 23P
   HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.1
NJW4106 NJRC-NJW4106 Datasheet
715Kb / 15P
   HIGH VOLTAGE IO = 500 mA ADJUSTABLE LDO REGULATOR
Ver.1.0
NJW4106T1 NJRC-NJW4106T1 Datasheet
744Kb / 15P
   HIGH VOLTAGE IO = 500 mA ADJUSTABLE LDO REGULATOR
Ver.1.0
logo
ON Semiconductor
NCP5501DT33RKG ONSEMI-NCP5501DT33RKG Datasheet
213Kb / 13P
   500 mA LDO Voltage Regulator
April, 2013 ??Rev. 12
NCP4687 ONSEMI-NCP4687 Datasheet
1Mb / 18P
   500 mA, High PSRR, LDO Linear Voltage Regulator
December, 2014 ??Rev. 3
NCP4687DH18T1G ONSEMI-NCP4687DH18T1G Datasheet
1Mb / 18P
   500 mA, High PSRR, LDO Linear Voltage Regulator
February, 2012 ??Rev. 2
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
209Kb / 12P
   500 mA, Low-Noise LDO Voltage Regulator
logo
Texas Instruments
TPS7A90 TI1-TPS7A90 Datasheet
2Mb / 33P
[Old version datasheet]   500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
logo
ON Semiconductor
CAT6219 ONSEMI-CAT6219 Datasheet
179Kb / 9P
   500 mA CMOS LDO Regulator
February, 2010 ??Rev. 9
CAT6219 ONSEMI-CAT6219_12 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com