Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1141Q Datasheet (PDF) - Nisshinbo Micro Devices Inc.

R1141Q Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # R1141Q
Download  R1141Q Download

File Size   283.18 Kbytes
Page   16 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 120mA LDO REGULATOR

R1141Q Datasheet (PDF)

Go To PDF Page Download Datasheet
R1141Q Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # R1141Q
Download  R1141Q Click to download

File Size   283.18 Kbytes
Page   16 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 120mA LDO REGULATOR

R1141Q Datasheet (HTML) - Nisshinbo Micro Devices Inc.

Back Button R1141Q Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. R1141Q Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. R1141Q Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. R1141Q Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. R1141Q Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. R1141Q Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. R1141Q Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. R1141Q Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. R1141Q Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. R1141Q Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. Next Button 

R1141Q Product details

FEATURES
• Supply Current .............................................................Typ. 90μA
• Standby Mode ..............................................................Typ. 0.1μA
• Dropout Voltage ...........................................................Typ. 0.15V (IOUT=100mA, Output Voltage=3.0V Type)
• Ripple Rejection...........................................................Typ. 75dB (VOUT <= 2.4V)
Typ. 70dB (VOUT => 2.5V) (f=1kHz)
• Temperature-Drift Coefficient of Output Voltage ..........Typ. ±100ppm/°C
• Line Regulation ............................................................Typ. 0.02%/V
• Output Voltage Accuracy..............................................±1.5% or ±30mV (VOUT <= 2.0V)
• Excellent Dynamic Response
• Package .......................................................................SC-82AB (Super Mini-mold)
• Output Voltage Range..................................................1.5V to 4.0V (0.1V steps)
(For other voltages, please refer to MARK INFORMATIONS.)
• Built-in Chip Enable Circuit (B/D : active high)
• Built-in Fold-back Protection Circuit............................ Typ. 40mA (Short Current)
• Ceramic capacitor can be used for Output pin ........... Recommended value is 2.2μF or more.




Similar Part No. - R1141Q

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1141Q RICOH-R1141Q Datasheet
373Kb / 15P
   SC82 120mA LDO REGULATOR????
R1141Q151B RICOH-R1141Q151B Datasheet
373Kb / 15P
   SC82 120mA LDO REGULATOR????
R1141Q151B-TL RICOH-R1141Q151B-TL Datasheet
373Kb / 15P
   SC82 120mA LDO REGULATOR????
R1141Q151B-TR RICOH-R1141Q151B-TR Datasheet
373Kb / 15P
   SC82 120mA LDO REGULATOR????
R1141Q151B-TR-FE RICOH-R1141Q151B-TR-FE Datasheet
219Kb / 16P
   120mA LDO REGULATOR
More results


Similar Description - R1141Q

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1141Q RICOH-R1141Q_17 Datasheet
219Kb / 16P
   120mA LDO REGULATOR
R1141Q RICOH-R1141Q Datasheet
373Kb / 15P
   SC82 120mA LDO REGULATOR????
R1140Q RICOH-R1140Q Datasheet
181Kb / 18P
   SC82 120mA LDO REGULATOR???
logo
EM Microelectronic - MA...
EM6156 EMMICRO-EM6156 Datasheet
492Kb / 11P
   5V 120mA Automotive LDO Regulator with Watchdog
logo
RICOH electronics devic...
R5322N RICOH-R5322N_07 Datasheet
369Kb / 25P
   120mA 2ch LDO REGULATORS
R5322N RICOH-R5322N Datasheet
213Kb / 23P
   SOT23-6W 120mA 2ch LDO REGULATORS
logo
Richtek Technology Corp...
RT9013A RICHTEK-RT9013A Datasheet
189Kb / 10P
   120mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
logo
Maxim Integrated Produc...
MAX9789AEVKIT MAXIM-MAX9789AEVKIT Datasheet
289Kb / 8P
   Integrated 120mA Low-Dropout Linear Regulator
Rev 1; 11/06
logo
Pericom Semiconductor C...
PT7M8202 PERICOM-PT7M8202 Datasheet
351Kb / 11P
   LDO Regulator
PT7M8206 PERICOM-PT7M8206 Datasheet
373Kb / 12P
   LDO Regulator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com