Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

48540 Datasheet (PDF) - Littelfuse

48540 Datasheet PDF - Littelfuse
Part No. 48540
Download  48540 Click to view

File Size   721.98 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description FlexMod™ SMART BATTERY ISOLATOR CONTROLLER

48540 Datasheet (PDF)

Go To PDF Page Download Datasheet
48540 Datasheet PDF - Littelfuse

Part No. 48540
Download  48540 Click to view

File Size   721.98 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description FlexMod™ SMART BATTERY ISOLATOR CONTROLLER

48540 Datasheet (HTML) - Littelfuse

48540 Datasheet HTML 1Page - Littelfuse 48540 Datasheet HTML 2Page - Littelfuse 48540 Datasheet HTML 3Page - Littelfuse 48540 Datasheet HTML 4Page - Littelfuse

48540 Product details

Description
Preserves starting battery voltage by isolating the auxiliary
battery when system voltage drops. For vehicles with two
batteries (or banks of batteries). Turns any electromechanical
solenoid or relay into a Smart Isolator.

Features and Benefits
• Isolates main and auxiliary batteries when system voltage
drops below 12.7V, and automatically reconnects battery
banks at 13.2V. Preserves starting power; eliminates
downtime and jump starts due to dead batteries.
• Start assist feature provides boost to starting battery,
when needed.
• Compatible with modern electronically controlled
alternators (some diode Battery Isolators are not). Smart
Battery Isolator Controller eliminates false battery
warnings created by diode isolators.
• Status light output drives remote light, informing operator
when banks are connected.
• Auto-ranging to automatically sense the voltage of the
system (12 or 24V) and selects the presets appropriate to
that voltage.
• Waterproof, dustproof and vibration-proof. Sealed to IP67
so it can mount on a vehicle even in places where roadsplash
is a problem.
• Ultra low 1mA standby current means minimal battery
drain – especially valuable when vehicle is in storage or not
in use.
• Factory programmable unit is highly versatile: with a broad
range of presets available to match any special application.
• Rated for more than 1,000,000 on-off cycles – unit
operates for the lifetime of the vehicle. Solid state
technology gives long life and low maintenance.
• Compact design (4 x 3 x 1”) – Uses less space; mounts
outside or inside. Saves money by eliminating other
hardware, and provides better wire routing.



Similar Part No. - 48540

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
4854 ETC2-4854 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
4854 ETC2-4854 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
Littelfuse
Littelfuse
48541 LITTELFUSE-48541 Datasheet
786Kb / 4P
   FlexMod™ ELECTRONIC VOLTAGE SENSING RELAY & TIMER
2017 Rev: 053117
48541-01-BX LITTELFUSE-48541-01-BX Datasheet
786Kb / 4P
   FlexMod™ ELECTRONIC VOLTAGE SENSING RELAY & TIMER
2017 Rev: 053117
48541-BX LITTELFUSE-48541-BX Datasheet
786Kb / 4P
   FlexMod™ ELECTRONIC VOLTAGE SENSING RELAY & TIMER
2017 Rev: 053117
More results

Similar Description - 48540

ManufacturerPart No.DatasheetDescription
EVER-WAY INDUSTRY COMPANY LIMITED
EVER-WAY INDUSTRY COMPA...
EW-BI-150 EVER-WAY-EW-BI-150 Datasheet
281Kb / 3P
   Smart battery isolator
Linear Technology
Linear Technology
LTC4100 LINER-LTC4100 Datasheet
251Kb / 24P
   Smart Battery Charger Controller
LTC4100 LINER-LTC4100_15 Datasheet
325Kb / 30P
   Smart Battery Charger Controller
LTC4100 LINER-LTC4100_09 Datasheet
252Kb / 30P
   Smart Battery Charger Controller
LTC4101 LINER-LTC4101_15 Datasheet
260Kb / 30P
   Smart Battery Charger Controller
LTC4101 LINER-LTC4101 Datasheet
296Kb / 28P
   Smart Battery Charger Controller
ON Semiconductor
ON Semiconductor
CAT874 ONSEMI-CAT874 Datasheet
126Kb / 7P
   Smart Phone Battery Switch Controller
July, 2013 ??Rev. 1
Dallas Semiconductor
Dallas Semiconductor
DS1260 DALLAS-DS1260 Datasheet
273Kb / 8P
   Smart Battery
Zilog, Inc.
Zilog, Inc.
Z80181 ZILOG-Z80181 Datasheet
540Kb / 74P
   SMART ACCESS CONTROLLER (SAC??
Maxim Integrated Products
Maxim Integrated Produc...
DS2438AZ MAXIM-DS2438AZ Datasheet
432Kb / 29P
   Smart Battery Monitor
070605
DS2437 MAXIM-DS2437 Datasheet
1Mb / 31P
   Smart Battery Monitor
070600
More results

Datasheet Page

1  2  3  4 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz