Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

48513 Datasheet (PDF) - Littelfuse

48513 Datasheet PDF - Littelfuse
Part # 48513
Download  48513 Download
File Size   403.26 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description COMPACT LOW VOLTAGE DISCONNECT

48513 Datasheet (PDF)

Go To PDF Page Download Datasheet
48513 Datasheet PDF - Littelfuse

Part # 48513
Download  48513 Click to download

File Size   403.26 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description COMPACT LOW VOLTAGE DISCONNECT

48513 Datasheet (HTML) - Littelfuse


48513 Product details

Description
Unit disconnects non-critical loads when battery voltage falls
below threshold, reconnects when battery is recharged.
Unit is auto-ranging: identifies whether system is 12V or 24V,
and automatically establishes thresholds. One part number;
two voltages.
Eliminates dead battery service calls and lost time by
extending battery life and preventing irreversible damage
due to excessive discharge.
No action is required by vehicle operator to protect the
batteries – unit automatically disconnects and reconnects,
giving operator a warning one minute before disconnect.
200mA alarm signal can drive audible or visual systems or any
large device via a relay. Optional manual override feature.
Electronics are sealed to IP67, see Installation Instructions
IF-162 for mounting and wiring details. Solid state reliability
and resistance to vibration – replaces vulnerable conventional
solenoids. Unit exceeds one million cycles and is protected
from overcurrent, overvoltage, and under-voltage. Minimal
draw on battery (only 1mA standby).
Protects vulnerable onboard electronics such as GPS, phone,
computer. Solid-state switching creates less electrical noise
and interference, and eliminates spikes.

Features and Benefits
• Electronically senses battery level and conserves
starting power
• Prolongs battery life by preventing battery damage.
• Unit works with 12V or 24V DC systems




Similar Part No. - 48513

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4851 ETC2-4851 Datasheet
336Kb / 1P
SWAGE/FORCE FIT STANDOFFS
4851 ETC2-4851 Datasheet
336Kb / 1P
SWAGE/FORCE FIT STANDOFFS
logo
Rakon Limited
4851 RAKON-4851 Datasheet
372Kb / 3P
Monolithic Crystal Filter
24 January 2023
logo
List of Unclassifed Man...
48514 ETC2-48514 Datasheet
173Kb / 1P
RICHMOND 8300, TRANSPARENT STATIC SHIELDING BAG (METAL OUT)
48515 ETC2-48515 Datasheet
173Kb / 1P
RICHMOND 8300, TRANSPARENT STATIC SHIELDING BAG (METAL OUT)
More results


Similar Description - 48513

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQXXXEN01ZPH SHARP-PQXXXEN01ZPH Datasheet
188Kb / 8P
Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
logo
Linear Technology
LTC4224-1 LINER-LTC4224-1 Datasheet
214Kb / 16P
Compact Dual Low Voltage Hot Swap Controller
logo
Crydom Inc.,
115-12VDC CRYDOM-115-12VDC Datasheet
1Mb / 5P
Low Voltage Disconnect
logo
Cooper Bussmann, Inc.
TPC-8 COOPER-TPC-8 Datasheet
361Kb / 7P
Telpower Compact Fused Disconnect Switch
logo
Linear Technology
LTC4224-1 LINER-LTC4224-1_15 Datasheet
225Kb / 16P
Compact Dual Low Voltage Hot Swap Controller
LTC4224-2 LINER-LTC4224-2_15 Datasheet
225Kb / 16P
Compact Dual Low Voltage Hot Swap Controller
logo
Texas Instruments
TPS65150 TI1-TPS65150_16 Datasheet
1Mb / 47P
Low Input Voltage, Compact LCD Bias IC
logo
Cooper Bussmann, Inc.
CCD-3-30 COOPER-CCD-3-30 Datasheet
358Kb / 3P
switch non-fused Compact Circuit Disconnect
logo
Littelfuse
48610 LITTELFUSE-48610 Datasheet
1Mb / 4P
FlexMod™ LOW VOLTAGE DISCONNECT
2017 Rev: 053117
LAS LITTELFUSE-LAS Datasheet
159Kb / 1P
24V COMPACT SPST MANUAL BATTERY DISCONNECT SWITCH
2022 Littelfuse, Inc.
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com