Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2387A Datasheet (PDF) - New Japan Radio

NJM2387A Datasheet PDF - New Japan Radio
Part # NJM2387A
Download  NJM2387A Download

File Size   272.47 Kbytes
Page   10 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL

NJM2387A Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM2387A Datasheet PDF - New Japan Radio

Part # NJM2387A
Download  NJM2387A Click to download

File Size   272.47 Kbytes
Page   10 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL

NJM2387A Datasheet (HTML) - New Japan Radio


NJM2387A Product details

GENERAL DESCRIPTION
The NJM2387A is an adjustable low dropout voltage regulator.
The output current is up to 1.0A and dropout voltage is 0.2V typ. at
Io=0.5A.
OFF control quiescent current is drastically reduced compare with
the current NJM2387 through changing ON/OFF control circuit.
The NJM2387A is suitable for power module, TV, Display, car stereo
and low power applications.

FEATURES
Low Dropout Voltage VI-O=0.2V typ. at Io=0.5A
Output Current Io(max.)=1.0A
Reference Voltage Vref=1.26V 2%
ON/OFF Control
OFF Control Quiescent Current 1 A max.
Internal Short Circuit Current Limit
Internal Overvoltage Protection
Internal Thermal Overload Protection
Bipolar Technology
Package Outline TO-252-5




Similar Part No. - NJM2387A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2387 NJRC-NJM2387 Datasheet
174Kb / 10P
   ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR
NJM2387DL2 NJRC-NJM2387DL2 Datasheet
174Kb / 10P
   ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR
NJM2387DL3 NJRC-NJM2387DL3 Datasheet
174Kb / 10P
   ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR
More results


Similar Description - NJM2387A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
logo
Tiger Electronic Co.,Lt...
KIA78R25F TGS-KIA78R25F Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
KIA78RXX TGS-KIA78RXX Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
logo
ON Semiconductor
MC33375 ONSEMI-MC33375_06 Datasheet
155Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
MC33375 ONSEMI-MC33375_09 Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
MC33375 ONSEMI-MC33375_13 Datasheet
210Kb / 13P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2013 ??Rev. 16
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com