Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2386A Datasheet (PDF) - New Japan Radio

NJM2386A Datasheet PDF - New Japan Radio
Part # NJM2386A
Download  NJM2386A Download

File Size   270.53 Kbytes
Page   11 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL

NJM2386A Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM2386A Datasheet PDF - New Japan Radio

Part # NJM2386A
Download  NJM2386A Click to download

File Size   270.53 Kbytes
Page   11 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL

NJM2386A Datasheet (HTML) - New Japan Radio


NJM2386A Product details

GENERAL DESCRIPTION
The NJM2386A is a general purpose low dropout voltage regulators
with ON/OFF control.
The output current is up to 1.0A and dropout voltage is up 0.2V
typical at 500mA load.
It features high maximum input voltage of 30V for a wide application
range including TV, home appliance and power modules.
Compared with the NJM2386, Off control quiescent current is
significantly reduces for current sensitive applications.

FEATURES
High Maximum Input Voltage Up to 30V
Low Dropout Voltage 0.2V typ. at Io=0.5A
Output Current Io(max.)=1.0A
ON/OFF Control
OFF Control Quiescent Current 1 A max.
Internal Short Circuit Current Limit
Internal Overvoltage Protection
Internal Thermal Overload Protection
Bipolar Technology
Package Outline TO-252-5




Similar Part No. - NJM2386A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386 NJRC-NJM2386 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386DL2 NJRC-NJM2386DL2 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386DL3 NJRC-NJM2386DL3 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
More results


Similar Description - NJM2386A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2387A NJRC-NJM2387A Datasheet
272Kb / 10P
   ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-15
logo
Tiger Electronic Co.,Lt...
KIA78R25F TGS-KIA78R25F Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
KIA78RXX TGS-KIA78RXX Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
logo
ON Semiconductor
MC33375 ONSEMI-MC33375_06 Datasheet
155Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
MC33375 ONSEMI-MC33375_09 Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
MC33375 ONSEMI-MC33375_13 Datasheet
210Kb / 13P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2013 ??Rev. 16
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com