Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LEE-128G032B-1 Datasheet (PDF) - Vishay Siliconix

LEE-128G032B-1 Datasheet PDF - Vishay Siliconix
Part # LEE-128G032B-1
Download  LEE-128G032B-1 Download

File Size   140.35 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description LED Display Modules

LEE-128G032B-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LEE-128G032B-1 Datasheet PDF - Vishay Siliconix

Part # LEE-128G032B-1
Download  LEE-128G032B-1 Click to download

File Size   140.35 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description LED Display Modules

LEE-128G032B-1 Datasheet (HTML) - Vishay Siliconix


LEE-128G032B-1 Product details

FEATURES
• LED replacement for the popular APD-128G032
plasma display module
• + 5 V HC CMOS level video interface
• Large characters
• Highly visible for long distance viewing
• > 30:1 contrast ratio
• Bright orange color
• Slim profile
• Reduced power and brightness version
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912

ELECTRICAL SPECIFICATIONS
Voltage(s) Required: + 5 VDC (VCC)
Power Required (Fully Lit): Typ. = 5.5 W, max. = 6.5 W

OPTICAL SPECIFICATIONS
Viewing Area: 12.75" [323.8 mm] W x 3.15" [80.01 mm] L
Character Size (5 x 7): 0.65" [16.51 mm] H x 0.45" [11.43 mm] W
Pixel Size: 0.063" [1.6 mm] H x 0.031" [0.8 mm] W
Pixel Pitch: 0.100" [2.54 mm]
Luminance: 100 ft-L minimum
Color: Bright orange
Viewing Angle: > 150°

ENVIRONMENTAL SPECIFICATIONS
Operating Temperature: - 40 °C to + 85 °C
Storage Temperature: - 40 °C to + 85 °C
Relative Operating Humidity: To 95 % non-condensing
Mechanical Shock: 30 G
Vibration: 3 G
Operating Altitude: 10 000 ft




Similar Part No. - LEE-128G032B-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LEE-128G032B-1 VISHAY-LEE-128G032B-1 Datasheet
140Kb / 3P
   LED Display Modules
01-Jan-2023
LEE-128G032B-1 VISHAY-LEE-128G032B-1_V01 Datasheet
140Kb / 3P
   LED Display Modules
01-Jan-2023
More results


Similar Description - LEE-128G032B-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LEE-128G032B VISHAY-LEE-128G032B Datasheet
135Kb / 3P
   LED Display Modules
Revision: 07-Dec-12
LEE-128G032B VISHAY-LEE-128G032B_V02 Datasheet
137Kb / 3P
   LED Display Modules
01-Jan-2023
LEE-128G032 VISHAY-LEE-128G032 Datasheet
180Kb / 3P
   LED Display Modules
01-Jan-2022
LEE-128G032B-3 VISHAY-LEE-128G032B-3_V01 Datasheet
142Kb / 3P
   LED Display Modules
01-Jan-2023
LEE-128G032-1 VISHAY-LEE-128G032-1 Datasheet
180Kb / 3P
   LED Display Modules
01-Jan-2022
LEE-128G032B-1 VISHAY-LEE-128G032B-1_V01 Datasheet
140Kb / 3P
   LED Display Modules
01-Jan-2023
LEE-128G032B-2 VISHAY-LEE-128G032B-2_V01 Datasheet
143Kb / 3P
   LED Display Modules
01-Jan-2023
LEE-128G032B-2 VISHAY-LEE-128G032B-2 Datasheet
142Kb / 3P
   LED Display Modules
01-Jan-2022
LEE-128G032 VISHAY-LEE-128G032_V01 Datasheet
181Kb / 3P
   LED Display Modules
01-Jan-2023
APD-128G064A VISHAY-APD-128G064A Datasheet
48Kb / 1P
   Plasma Display Modules
Revision 08-Nov-00
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com