Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCD-020N002D Datasheet (PDF) - Vishay Siliconix

LCD-020N002D Datasheet PDF - Vishay Siliconix
Part # LCD-020N002D
Download  LCD-020N002D Download
File Size   70.73 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 20 x 2 Character LCD

LCD-020N002D Datasheet (PDF)

Go To PDF Page Download Datasheet
LCD-020N002D Datasheet PDF - Vishay Siliconix

Part # LCD-020N002D
Download  LCD-020N002D Click to download

File Size   70.73 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 20 x 2 Character LCD

LCD-020N002D Datasheet (HTML) - Vishay Siliconix


LCD-020N002D Product details

FEATURES
• Type: Character
• Display format: 20 x 2 characters
• Built-in controller: ST 7066 (or equivalent)
• Duty cycle: 1/16
• 5 x 8 dots includes cursor
• + 5 V power supply (also available for + 3 V)
• LED can be driven by pin 17, pin 18
• N.V. optional for + 3 V power supply
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - LCD-020N002D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-020N002D VISHAY-LCD-020N002D Datasheet
73Kb / 3P
20 x 2 Character LCD
Revision: 09-Oct-12
LCD-020N002D VISHAY-LCD-020N002D Datasheet
71Kb / 3P
20 x 2 Character LCD
01-Jan-2023
LCD-020N002D VISHAY-LCD-020N002D_V02 Datasheet
71Kb / 3P
20 x 2 Character LCD
01-Jan-2023
More results


Similar Description - LCD-020N002D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-020M002A VISHAY-LCD-020M002A Datasheet
114Kb / 3P
20 x 2 Character LCD
Revision 01-Oct-02
LCD-020M002L VISHAY-LCD-020M002L_08 Datasheet
112Kb / 3P
20 x 2 Character LCD
Revision 01-Oct-02
LCD-020M002M VISHAY-LCD-020M002M Datasheet
114Kb / 3P
20 x 2 Character LCD
Revision 01-Oct-02
LCD-020N002A VISHAY-LCD-020N002A Datasheet
76Kb / 3P
20 x 2 Character LCD
Revision: 09-Oct-12
LCD-020N002D VISHAY-LCD-020N002D Datasheet
73Kb / 3P
20 x 2 Character LCD
Revision: 09-Oct-12
LCD-020N002M VISHAY-LCD-020N002M Datasheet
75Kb / 3P
20 x 2 Character LCD
Revision: 09-Oct-12
LCD-020N002L VISHAY-LCD-020N002L_V01 Datasheet
74Kb / 3P
20 x 2 Character LCD
01-Jan-2022
LCD-020N002A VISHAY-LCD-020N002A_V02 Datasheet
74Kb / 3P
20 x 2 Character LCD
01-Jan-2023
LCD-020N002D VISHAY-LCD-020N002D_V02 Datasheet
71Kb / 3P
20 x 2 Character LCD
01-Jan-2023
LCD-020N002M VISHAY-LCD-020N002M_V02 Datasheet
73Kb / 3P
20 x 2 Character LCD
01-Jan-2023
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com