Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQ36CANA-02HTG Datasheet (PDF) - Littelfuse

AQ36CANA-02HTG Datasheet PDF - Littelfuse
Part # AQ36CANA-02HTG
Download  AQ36CANA-02HTG Download

File Size   643.37 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 23pF, 8A Bidirectional TVS, General Purpose ESD Protection

AQ36CANA-02HTG Datasheet (PDF)

Go To PDF Page Download Datasheet
AQ36CANA-02HTG Datasheet PDF - Littelfuse

Part # AQ36CANA-02HTG
Download  AQ36CANA-02HTG Click to download

File Size   643.37 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 23pF, 8A Bidirectional TVS, General Purpose ESD Protection

AQ36CANA-02HTG Datasheet (HTML) - Littelfuse

AQ36CANA-02HTG Datasheet HTML 1Page - Littelfuse AQ36CANA-02HTG Datasheet HTML 2Page - Littelfuse AQ36CANA-02HTG Datasheet HTML 3Page - Littelfuse AQ36CANA-02HTG Datasheet HTML 4Page - Littelfuse AQ36CANA-02HTG Datasheet HTML 5Page - Littelfuse

AQ36CANA-02HTG Product details

Description
The AQ36CANA-02HTG bidirectional TVS is fabricated in a
proprietary silicon avalanche technology. These diodes provide a
high ESD (electrostatic discharge) protection level for electronic
equipment.
The AQ36CANA-02HTG TVS can safely absorb repetitive ESD
strikes of ±30kV (contact and air discharge as defined in IEC
61000-4-2) without any performance degradation. In addition, it
can safely dissipate a 8A 8/20μs surge event as defined in IEC
61000-4-5, 2nd Edition.

Features
■ ESD, IEC 61000-4-2, ±30kV contact/air
■ ESD, ISO 10605, 330pF 330Ω, ±30kV contact/air
■ EFT, IEC 61000-4-4, 40A (5/50ns)
■ Maximum surge tolerance, IEC 61000- 4-5 2nd Edition, 8A (8/20μs)
■ Halogen free, lead free and RoHS compliant
■ Moisture Sensitivity Level (MSL-1)
■ AEC-Q101 qualified and PPAP capable

Applications
■ Automotive
■ ADAS Control Units
■ Body Control Units
■ CAN Bus
■ Electronic Control Units
■ Factory Automation
■ Lighting Control (DALI)
■ PowerTrain Control Units




Similar Part No. - AQ36CANA-02HTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AQ36C-01FTG LITTELFUSE-AQ36C-01FTG Datasheet
2Mb / 7P
   AQxxC Series 450W Discrete Bidirectional TVS Diode
AQ36C-01FTG LITTELFUSE-AQ36C-01FTG Datasheet
686Kb / 7P
   AQxxC-01FTG Series 450W Bidirectional TVS Diode
2018 Littelfuse, Inc
More results


Similar Description - AQ36CANA-02HTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AQ1205-01FTG LITTELFUSE-AQ1205-01FTG Datasheet
679Kb / 5P
   Bidirectional Discrete TVS Diode, General Purpose ESD Protection
2022 Littelfuse, Inc
AQ15CANA-02HTG LITTELFUSE-AQ15CANA-02HTG Datasheet
641Kb / 5P
   21pF, 9A Bidirectional TVS, General Purpose ESD Protection
2022 Littelfuse, Inc.
AQ12CANA-02HTG LITTELFUSE-AQ12CANA-02HTG Datasheet
635Kb / 5P
   28pF, 12A Bidirectional TVS, General Purpose ESD Protection
2022 Littelfuse, Inc.
SP1021-01WTG LITTELFUSE-SP1021-01WTG Datasheet
2Mb / 4P
   TVS Diode Arrays General Purpose ESD Protection
SC1333-01ETG LITTELFUSE-SC1333-01ETG Datasheet
937Kb / 5P
   TVS Diode Arrays General Purpose ESD Protection
Revision: 11/24/20
SC1210-01ETG LITTELFUSE-SC1210-01ETG Datasheet
760Kb / 5P
   Bidirectional Discrete TVS Diode, General Purpose Surge Protection
Revised: 04/27/21
SC1205-01UTG LITTELFUSE-SC1205-01UTG Datasheet
553Kb / 5P
   Bidirectional Discrete TVS Diode, General Purpose Surge Protection
2022 Littelfuse, Inc.
SC1205-01ETG LITTELFUSE-SC1205-01ETG Datasheet
449Kb / 5P
   Bidirectional Discrete TVS Diode, General Purpose Surge Protection
2022 Littelfuse, Inc.
AQ1205-01ETG LITTELFUSE-AQ1205-01ETG Datasheet
666Kb / 5P
   Bidirectional Discrete TVS Diode, General Purpose Surge Protection
2022 Littelfuse, Inc.
AQ1210-01ETG LITTELFUSE-AQ1210-01ETG Datasheet
994Kb / 5P
   Bidirectional Discrete TVS Diode, General Purpose Surge Protection
2021 Littelfuse, Inc.
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com