1.1 Features
1. Video signal input
Analog CVBS(NTSC/PAL)/ITU-R BT.656(digital YUV)
Digital RGB signal (6bit×3 or 8bit×3)
2. 8bit ADC, Pre-filter(LPF) for input analog video signal
3. 3Line YC separation
4. Multi color system Decoder
5. Digital RGB signal output (24bit)
QVGA(320x240)
WQVGA(400x234, 400x240, 480x234, 480x240, 480x272)
VGA(640x480)
WVGA(800x480)
6. Timing control pulse output for LCD panel
7. Scaling function
Horizontal aberration correction
Horizontal compressed function
Horizontal/Vertical over-scan
8. Picture Quality Improvement function
-HVD Enhancer
-Sharpness, LTI, Noise reducer
-Static Y-gamma correction
-Dynamic Y-gamma correction
-Contrast, Brightness
-CTI, Noise reducer
-C gain correction with Y-gamma characteristic
-Color management
-Color gain, Cb/Cr offset adjustment
-Offset adjustment, Gain adjustment
-RGB-gamma correction
-Dither, FRC (Frame Rate Control)
9. PWM signal output
10. Font OSD built-in
11. Line drawing OSD
12. Superimposed D-RGB signal input (Internal sync-signal synchronous)
13. I2C-BUS control
14. Package: P-FBGA228-1515-0.80A5
15. Power Supply: 3.3V, 2.5V, 1.5V
16. Operating temperature: -40°C to 85°C
|