Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC55257CSPL-85L Datasheet (PDF) - Toshiba Semiconductor

TC55257CSPL-85L Datasheet PDF - Toshiba Semiconductor
Part # TC55257CSPL-85L
Download  TC55257CSPL-85L Download

File Size   393.52 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 32,768 WORD x 8 BIT STATIC RAM

TC55257CSPL-85L Datasheet (PDF)

Go To PDF Page Download Datasheet
TC55257CSPL-85L Datasheet PDF - Toshiba Semiconductor

Part # TC55257CSPL-85L
Download  TC55257CSPL-85L Click to download

File Size   393.52 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 32,768 WORD x 8 BIT STATIC RAM

TC55257CSPL-85L Datasheet (HTML) - Toshiba Semiconductor

TC55257CSPL-85L Datasheet HTML 1Page - Toshiba Semiconductor TC55257CSPL-85L Datasheet HTML 2Page - Toshiba Semiconductor TC55257CSPL-85L Datasheet HTML 3Page - Toshiba Semiconductor TC55257CSPL-85L Datasheet HTML 4Page - Toshiba Semiconductor TC55257CSPL-85L Datasheet HTML 5Page - Toshiba Semiconductor TC55257CSPL-85L Datasheet HTML 6Page - Toshiba Semiconductor TC55257CSPL-85L Datasheet HTML 7Page - Toshiba Semiconductor

TC55257CSPL-85L Product details

Description
The TC55257CPL is a 262,144 bit CMOS static random access memory organized as 32,768 words by 8 bits and operated from
a single 5V power supply. Advanced circuit techniques provide both high speed and low power features with an operating current of
5mA/MHz (typ.) and a minimum cycle time of 70ns.
When CE is a logical high, the device is placed in a low power standby mode in which the standby current is 2uA at room tem-
perature. The TC55257CPL has two control inputs. Chip enable (CE) allows for device selection and data retention control, while
an output enable input (OE) provides fast memory access. The TC55257CPL is suitable for use in microprocessor systerns where
high speed, low power, and battery backup are required.
The TC55257CPL is offered in a standard dual-in-line 28-pin plastic package (0.6/0.3 inch width), a small outline plastic pack-
age, and a thin small outine plastic package (forward type, reverse type).

Features
• Low power dissipation:
Standby current:
Single 5V power supply
Access time (max.)
Access Time
CE Access Time
OE Access Time
27.5mW/MHz (typ.)
2μA (max.) at Ta = 25°C
TC55257CPL/CFL/CSPL/CFTL/CTRL
-85L
85ns
85ns
45ns
-70L
70ns
70ns
35ns
-10L
100ns
100ns
50ns
2.0 -5.5V
Power down feature:
CE
Data retention supply voltage:
Inputs and outputs TTL compatible
• Package
TC55257CPL
: DIP28-P-600
TC55257CFL
: SOP28-P-450
TC55257CSPL : DIP28-P-300B
TC55257CFTL: TSOP28-P
TC55257CTRL : TSOP28-P-A




Similar Part No. - TC55257CSPL-85L

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55257CSPL-85 TOSHIBA-TC55257CSPL-85 Datasheet
385Kb / 7P
   SILICON GATE CMOS 32,768 WORD x 8 BIT STATIC RAM
More results


Similar Description - TC55257CSPL-85L

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55257DPI TOSHIBA-TC55257DPI Datasheet
442Kb / 11P
   32,768 WORD x 8 BIT STATIC RAM
TC55257CPI TOSHIBA-TC55257CPI_V01 Datasheet
382Kb / 7P
   32,768 WORD x 8 BIT STATIC RAM
TC55257BPI TOSHIBA-TC55257BPI Datasheet
356Kb / 7P
   32,768 WORD x 8 BIT STATIC RAM
TC55257BPL TOSHIBA-TC55257BPL Datasheet
226Kb / 7P
   32,768 WORD x 8 BIT STATIC RAM
TC55V328J TOSHIBA-TC55V328J Datasheet
337Kb / 6P
   32,768 WORD x 8 BIT CMOS STATIC RAM
TC55328P-17 TOSHIBA-TC55328P-17 Datasheet
407Kb / 8P
   32,768 WORD X 8 BIT CMOS STATIC RAM
TC55328AP TOSHIBA-TC55328AP Datasheet
368Kb / 7P
   32,768 WORD x 8 BIT CMOS STATIC RAM
TC55V328BJ TOSHIBA-TC55V328BJ Datasheet
357Kb / 9P
   32,768 WORD-8 BIT STATIC RAM
logo
OKI electronic componet...
MSM51257AL OKI-MSM51257AL Datasheet
104Kb / 6P
   32,768-WORD X 8-BIT CMOS STATIC RAM
logo
Toshiba Semiconductor
TC55B328P TOSHIBA-TC55B328P Datasheet
330Kb / 7P
   32,768 WORD x 8 BIT BICMOS STATIC RAM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com