Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD81A44EFV-M Datasheet (PDF) - Rohm

BD81A44EFV-M Datasheet PDF - Rohm
Part # BD81A44EFV-M
Download  BD81A44EFV-M Download

File Size   3142.31 Kbytes
Page   47 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive

BD81A44EFV-M Datasheet (PDF)

Go To PDF Page Download Datasheet
BD81A44EFV-M Datasheet PDF - Rohm

Part # BD81A44EFV-M
Download  BD81A44EFV-M Click to download

File Size   3142.31 Kbytes
Page   47 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive

BD81A44EFV-M Datasheet (HTML) - Rohm

Back Button BD81A44EFV-M Datasheet HTML 1Page - Rohm BD81A44EFV-M Datasheet HTML 2Page - Rohm BD81A44EFV-M Datasheet HTML 3Page - Rohm BD81A44EFV-M Datasheet HTML 4Page - Rohm BD81A44EFV-M Datasheet HTML 5Page - Rohm BD81A44EFV-M Datasheet HTML 6Page - Rohm BD81A44EFV-M Datasheet HTML 7Page - Rohm BD81A44EFV-M Datasheet HTML 8Page - Rohm BD81A44EFV-M Datasheet HTML 9Page - Rohm BD81A44EFV-M Datasheet HTML 10Page - Rohm Next Button 

BD81A44EFV-M Product details

General Description
BD81A44EFV-M / BD81A44MUV-M is a white LED
driver with the capability of withstanding high input
voltage (maximum 35 V). This driver has 4ch constantcurrent
drivers in 1-chip, where each channel can draw
up to 120 mA (Max), and it is suitable for high
illumination LED drive. Furthermore, a buck-boost
current mode DC/DC converter is also built to achieve
stable operation during power voltage fluctuation.
Light modulation (10,000:1@100 Hz dimming
function) is possible by PWM input.

Features
AEC-Q100 Qualified*1
4ch Current Driver for LED Drive
Buck-Boost Current Mode DC/DC Converter
Control DC/DC Converter Oscillation Frequency by
External Synchronized Signal
LSI Protection Function (UVLO, OVP, TSD, OCP, SCP)
LED Abnormality Detection Function (Open/Short)
VOUT Discharge Function (Buck-Boost Structure
Limitation)

Applications
Automotive CID (Center Information Display) Panel
Car Navigation
Cluster Panel
HUD (Head Up Display)
Small and Medium Type LCD Panels for Automotive
Use




Similar Part No. - BD81A44EFV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD81A44EFV-ME2 ROHM-BD81A44EFV-ME2 Datasheet
1Mb / 39P
   4ch White LED Driver with Buck-Boost
More results


Similar Description - BD81A44EFV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD81A24EFV-M ROHM-BD81A24EFV-M Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
BD81A74EFV-M ROHM-BD81A74EFV-M Datasheet
3Mb / 44P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
8.Oct.2021 Rev.007
BD81A76EFV-M ROHM-BD81A76EFV-M Datasheet
2Mb / 43P
   6ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
25.Nov.2021 Rev.004
BD82A26MUF-M ROHM-BD82A26MUF-M Datasheet
1Mb / 48P
   6ch White LED Driver Built-in Current Driver Boost DC/DC Converter for Automotive
15.Mar.2022 Rev.003
BD83A04EFV-M ROHM-BD83A04EFV-M Datasheet
1Mb / 49P
   4 ch Current Driver Integrated, Built-in MOS for Boost, Boost DC/DC Converter White LED Driver for Automotive
17.Feb.2022 Rev.005
BD83A04EFV-M ROHM-BD83A04EFV-M_V01 Datasheet
1Mb / 49P
   4 ch Current Driver Integrated, Built-in MOS for Boost, Boost DC/DC Converter White LED Driver for Automotive
18.Aug.2022 Rev.006
logo
Bright Power Semiconduc...
BP1808 BPS-BP1808 Datasheet
309Kb / 2P
   Boost, Buck and Buck-Boost DC/DC LED Driver
logo
Rohm
BD81A44MUV-M ROHM-BD81A44MUV-M Datasheet
1Mb / 39P
   4ch White LED Driver with Buck-Boost
BD81A24MUV-M ROHM-BD81A24MUV-M Datasheet
1Mb / 40P
   4ch White LED Driver with Buck-Boost
logo
Maxim Integrated Produc...
MAX25610A MAXIM-MAX25610A Datasheet
1Mb / 24P
   Synchronous Buck and Buck-Boost LED Driver/DC-DC Converter
Rev 5; 4/19
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com