Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDXXFC0 Datasheet (PDF) - Rohm

BDXXFC0 Datasheet PDF - Rohm
Part # BDXXFC0
Download  BDXXFC0 Download

File Size   1571.59 Kbytes
Page   41 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 35V Withstand Voltage 1A LDO Regulators

BDXXFC0 Datasheet (PDF)

Go To PDF Page Download Datasheet
BDXXFC0 Datasheet PDF - Rohm

Part # BDXXFC0
Download  BDXXFC0 Click to download

File Size   1571.59 Kbytes
Page   41 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 35V Withstand Voltage 1A LDO Regulators

BDXXFC0 Datasheet (HTML) - Rohm


BDXXFC0 Product details

●Description
The BDxxFC0 series are low-saturation regulators. The
series’ output voltages are Variable, 3.0V, 3.3V, 5.0V, 6.0V,
7.0V, 8.0V, 9.0V, 10.0V, 12.0V and 15.0V and packages
are HTSOP-J8, TO252-3, and TO252-5. This series has a
built-in over-current protection circuit that prevents the
destruction of the IC due to output short circuits and a
thermal shutdown circuit that protects the IC from thermal
damage due to overloading.

●Features
・Output Voltage: 1.0V to 15.0V
・Output Voltage Precision(Ta=25°C): ±1%
・Supply Voltage(VO≧3.0V): VO+1.0V to 26.5V
・Supply Voltage(VO<3.0V): 4.0V to 26.5V
・Output Current: 1A
・Operating Temperature Range: -25°C≦Ta≦+85°C




Similar Part No. - BDXXFC0

ManufacturerPart #DatasheetDescription
logo
Rohm
BDXXFC0WEFJ ROHM-BDXXFC0WEFJ Datasheet
539Kb / 20P
   Low saturation with PDMOS output
More results


Similar Description - BDXXFC0

ManufacturerPart #DatasheetDescription
logo
Rohm
BD50FC0FP ROHM-BD50FC0FP Datasheet
1Mb / 42P
   35V Withstand Voltage 1A LDO Regulators
BDXXFD0 ROHM-BDXXFD0 Datasheet
1Mb / 31P
   35V Voltage Resistance 2A LDO Regulators
09.Sep.2019 Rev.003
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
Sirectifier Global Corp...
MT1118 SIRECT-MT1118 Datasheet
162Kb / 5P
   1A LDO LINEAR VOLTAGE / REGULATORS
MT1117 SIRECT-MT1117 Datasheet
149Kb / 4P
   1A LDO LINEAR VOLTAGE / REGULATORS
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Rohm
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
logo
Shenzhen Huazhimei Semi...
HM6117 HMSEMI-HM6117 Datasheet
913Kb / 7P
   1A Voltage High Speed LDO Regulators HM6117 Series
HM6118 HMSEMI-HM6118 Datasheet
720Kb / 16P
   1A Adjustable Voltage High Speed LDO Regulators HM6118 Series
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com