Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD42530UEFJ-CE2 Datasheet (PDF) - Rohm

BD42530UEFJ-CE2 Datasheet PDF - Rohm
Part # BD42530UEFJ-CE2
Download  BD42530UEFJ-CE2 Download

File Size   1496.51 Kbytes
Page   30 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 250 mA Output Voltage Tracker

BD42530UEFJ-CE2 Datasheet (PDF)

Go To PDF Page Download Datasheet
BD42530UEFJ-CE2 Datasheet PDF - Rohm

Part # BD42530UEFJ-CE2
Download  BD42530UEFJ-CE2 Click to download

File Size   1496.51 Kbytes
Page   30 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 250 mA Output Voltage Tracker

BD42530UEFJ-CE2 Datasheet (HTML) - Rohm

Back Button BD42530UEFJ-CE2 Datasheet HTML 1Page - Rohm BD42530UEFJ-CE2 Datasheet HTML 2Page - Rohm BD42530UEFJ-CE2 Datasheet HTML 3Page - Rohm BD42530UEFJ-CE2 Datasheet HTML 4Page - Rohm BD42530UEFJ-CE2 Datasheet HTML 5Page - Rohm BD42530UEFJ-CE2 Datasheet HTML 6Page - Rohm BD42530UEFJ-CE2 Datasheet HTML 7Page - Rohm BD42530UEFJ-CE2 Datasheet HTML 8Page - Rohm BD42530UEFJ-CE2 Datasheet HTML 9Page - Rohm BD42530UEFJ-CE2 Datasheet HTML 10Page - Rohm Next Button 

BD42530UEFJ-CE2 Product details

General Description
The BD42530xxx-C Series are voltage trackers featuring
45 V absolute maximum voltage, output voltage tracking
accuracy of ±10 mV, 250 mA output current and 40 μA
(Typ) low current consumption.
These trackers are therefore ideal for applications
requiring a direct connection to the battery and a low
current consumption.
Ceramic capacitors can be used for phase compensation
capacitor of the output. Furthermore, these ICs also
feature overcurrent protection to protect the device from
damage caused by short-circuiting and an integrated
thermal shutdown to protect the device from overheating
at overload conditions.

Features
■ AEC-Q100 Qualified (Note 1)
■ Qualified for Automotive Applications
■ Wide Temperature Range (Tj): -40 °C to +150 °C
■ Wide Operating Input Range: 3 V to 42 V
■ Low Quiescent Current: 40 μA (Typ)
■ Output Voltage Tracking Accuracy: ±10 mV
■ Over Current Protection (OCP)
■ Thermal Shutdown Protection (TSD)




Similar Part No. - BD42530UEFJ-CE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD42530EFJ-C ROHM-BD42530EFJ-C Datasheet
1Mb / 29P
   250 mA Output Voltage Tracker
BD42530EFJ-CE2 ROHM-BD42530EFJ-CE2 Datasheet
1Mb / 29P
   250 mA Output Voltage Tracker
BD42530FP2-CE2 ROHM-BD42530FP2-CE2 Datasheet
1Mb / 29P
   250 mA Output Voltage Tracker
More results


Similar Description - BD42530UEFJ-CE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD42530EFJ-C ROHM-BD42530EFJ-C Datasheet
1Mb / 29P
   250 mA Output Voltage Tracker
BD42540FJ-C ROHM-BD42540FJ-C Datasheet
1Mb / 26P
   70 mA Output Voltage Tracker
BD42500G-C ROHM-BD42500G-C Datasheet
1Mb / 26P
   50 mA Output Voltage Tracker
logo
Infineon Technologies A...
TLE4251 INFINEON-TLE4251_07 Datasheet
373Kb / 13P
   Low Drop Voltage Tracker 400 mA output current capability
Rev. 2.9, 2007-03-20
logo
Rohm
BD3925HFP-C ROHM-BD3925HFP-C Datasheet
136Kb / 5P
   Voltage Tracker
BD3925FP-C ROHM-BD3925FP-C Datasheet
346Kb / 10P
   Voltage Tracker
logo
Texas Instruments
TPS77401-EP TI1-TPS77401-EP Datasheet
463Kb / 23P
[Old version datasheet]   250-mA LDO VOLTAGE REGULATOR WITH POWER-GOOD OUTPUT
logo
Infineon Technologies A...
TLE4251 INFINEON-TLE4251 Datasheet
110Kb / 12P
   Low Drop Voltage Tracker
Rev. 2.4 2001-05-07
TLS115B0 INFINEON-TLS115B0 Datasheet
994Kb / 25P
   High Precision Voltage Tracker
Rev. 1.00 2016-10-13
TLS105B0 INFINEON-TLS105B0 Datasheet
1Mb / 22P
   High Precision Voltage Tracker
Rev. 1.0 2018-01-22
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com