Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

310-030-545-104 Datasheet (PDF) - EDAC, All Rights Reserved.

310-030-545-104 Datasheet PDF - EDAC, All Rights Reserved.
Part # 310-030-545-104
Download  310-030-545-104 Download
File Size   91.74 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 310 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 30/60 Pin | 0.460" (11.68mm) Insulator Height

310-030-545-104 Datasheet (PDF)

Go To PDF Page Download Datasheet
310-030-545-104 Datasheet PDF - EDAC, All Rights Reserved.

Part # 310-030-545-104
Download  310-030-545-104 Click to download

File Size   91.74 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 310 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 30/60 Pin | 0.460" (11.68mm) Insulator Height

310-030-545-104 Datasheet (HTML) - EDAC, All Rights Reserved.


310-030-545-104 Product details

Features

  • .156" (3.96mm) Contact Spacing x .200" (5.08mm) Row Spacing
  • Accepts .062" (1.57mm) Nominal Thickness P.C. Board
  • Low Profile Insulator Body, .460" (11.68mm) with Card Slot Barrier
  • Contact Termination Options include P.C. Tail, Wire Hole, Wire Wrap, and Extender Board Bends
  • Single or Dual Row Configurations
  • Variety of Mounting Options
  • Accepts between Contact and In-Contact Polarizing Keys
  • RoHS Compliant




Similar Part No. - 310-030-545-104

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
310-030-545-104 EDAC-310-030-545-104 Datasheet
661Kb / 2P
310 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 30/60 Pin | 0.460" (11.68mm) Insulator Height
More results





Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com