Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDXXFD0 Datasheet (PDF) - Rohm

BDXXFD0 Datasheet PDF - Rohm
Part # BDXXFD0
Download  BDXXFD0 Download

File Size   1851.7 Kbytes
Page   31 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 35V Voltage Resistance 2A LDO Regulators

BDXXFD0 Datasheet (PDF)

Go To PDF Page Download Datasheet
BDXXFD0 Datasheet PDF - Rohm

Part # BDXXFD0
Download  BDXXFD0 Click to download

File Size   1851.7 Kbytes
Page   31 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 35V Voltage Resistance 2A LDO Regulators

BDXXFD0 Datasheet (HTML) - Rohm


BDXXFD0 Product details

Description
The BDxxFD0 series are low-saturation regulators. The
series’ output voltages are Variable, and fixed type.
These series have a built-in over-current protection
circuit that prevents the destruction of the IC due to
output short circuits and a thermal shutdown circuit that
protects the IC from thermal damage due to overloading.

Features
 Output current capability: 2A
 Output voltage: Variable, Fixed
(1.5V / 1.8V / 2.5V / 3.0V / 3.3V / 5.0V / 8.0V
/ 9.0V / 12V / 15V / 16V)
 ±1% (±1.5%:BD15/18/25FD0W)
High output voltage accuracy (Ta=25°C)
 Low saturation with PDMOS output
 Built-in over-current protection circuit that prevents
the destruction of the IC due to output short circuits
 Built-in thermal Shutdown circuit for protecting the
IC from thermal damage due to overloading
 Low ESR Capacitor
 HRP5/TO263-5 package




Similar Part No. - BDXXFD0

ManufacturerPart #DatasheetDescription
logo
Rohm
BDXXFA1FP3 ROHM-BDXXFA1FP3 Datasheet
459Kb / 17P
   High accuracy output voltage
BDXXFC0 ROHM-BDXXFC0 Datasheet
1Mb / 41P
   35V Withstand Voltage 1A LDO Regulators
10.Jan.2017 Rev.005
BDXXFC0WEFJ ROHM-BDXXFC0WEFJ Datasheet
539Kb / 20P
   Low saturation with PDMOS output
More results


Similar Description - BDXXFD0

ManufacturerPart #DatasheetDescription
logo
Rohm
BDXXFC0 ROHM-BDXXFC0 Datasheet
1Mb / 41P
   35V Withstand Voltage 1A LDO Regulators
10.Jan.2017 Rev.005
BD50FC0FP ROHM-BD50FC0FP Datasheet
1Mb / 42P
   35V Withstand Voltage 1A LDO Regulators
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA033CC0WFP-E2 ROHM-BA033CC0WFP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
logo
Richtek Technology Corp...
RT9094A RICHTEK-RT9094A Datasheet
248Kb / 15P
   2A Ultra-Low Dropout Voltage LDO Regulators with Soft-Start
January 2022
logo
STMicroelectronics
L78S00 STMICROELECTRONICS-L78S00 Datasheet
262Kb / 21P
   2A POSITIVE VOLTAGE REGULATORS
logo
Rohm
BD3570YFP-M ROHM-BD3570YFP-M Datasheet
1,022Kb / 20P
   High Voltage LDO Regulators
BD3570FP ROHM-BD3570FP Datasheet
312Kb / 10P
   High Voltage LDO Regulators
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com