Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

38200-400 Datasheet (PDF) - EnOcean GmbH.

38200-400 Datasheet PDF - EnOcean GmbH.
Part # 38200-400
Download  38200-400 Download
File Size   307.79 Kbytes
Page   2 Pages
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.
Description Net Server

38200-400 Datasheet (PDF)

Go To PDF Page Download Datasheet
38200-400 Datasheet PDF - EnOcean GmbH.

Part # 38200-400
Download  38200-400 Click to download

File Size   307.79 Kbytes
Page   2 Pages
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.
Description Net Server

38200-400 Datasheet (HTML) - EnOcean GmbH.


38200-400 Product details

Features
• Provides a software platform for Windows
that can be used to develop or run Windows
applications for designing, installing,
monitoring, or controlling LON networks
• Compatible with all LON and IzoT media
including LON/IP-70, LON/IP-852, LON/FT,
LON/PL-20, and LON/TP-1250
• Provides an LNS®-compatible open platform
supporting multiple simultaneous users
commissioning, monitoring, and operating
devices and running multiple applications from
multiple vendors
• Supports a wide variety of applications
including network management applications,
operator interface applications, drivers, and
network diagnostic tools
• Supports IzoT Net Server and LNS plug-ins
• Supported by hundreds of third-party
applications
• Supports multiple LON networks, each with up
to 32,385 devices on up to 1000 channels
• Supports LON devices with up to 4096
network variables per device
• Free trial edition is available for download
• Trial edition may be freely redistributed with
IzoT Net Server applications and plug-ins

Product Description

IzoT Net Server is a software platform for LON® network design, installation,
monitoring and control applications. Create or run applications to install,
commission, monitor, and control a community of devices. The IzoT Net
Server provides services for Windows applications to configure devices,
connections, routers, and channels, as well as subsystems containing
devices and routers.
Create LON networks with up to 32,385 devices on up to 1000 channels.
Each device in the network can have up to 4096 datapoints or network
variables. Create peer-to-peer connections between devices or between
groups of devices. Each network may contain tens of thousands of
connections.
The server works with all LON devices giving you a wide variety of options for
the devices to be installed in your networks. There are never any per-device
fees, credits, or royalties when using Net Server.
The server maintains all device and network configuration information in
a high-performance database. Networks can be designed offline without
access to the physical hardware so that networks can be designed prior to
the availability of physical hardware. The database enables replacement
of devices that fail, so that the configuration and connections of the failed
device can be automatically copied to the replacement device. Upgrade
services ensure that configuration and connections are maintained, even in
cases where the replacement device has updated firmware with a modified
network interface.
A backup and restore mechanism enables the entire network database to be
routinely backed-up, and later restored after a computer hardware failure. A
hot-backup capability is included so a system can continue to run while the
database is backed up.
Networks can also be recovered from the physical devices in cases where
the database and all backups are lost.
Network operation is supported with services to read and write datapoints,
network variables, and configuration properties. Datapoint and network
variable update notification events are provided so that applications can
be notified when specified datapoints or network variables are updated.
Datapoint, network variable, and configuration property values are
automatically formatted based on resource file definitions, with application
control of the formats used for each point.




Similar Part No. - 38200-400

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
382000 EXTECH-382000 Datasheet
325Kb / 1P
1200A 3-Phase Power Analyzer/Datalogger
logo
Lumberg
382002 LUMBERG-382002 Datasheet
118Kb / 2P
Multimodul??Steckverbinder, Raster 2,5 mm
382002 LUMBERG-382002 Datasheet
592Kb / 3P
Multimodul connectors, pitch 2.5 mm
382003 LUMBERG-382003 Datasheet
118Kb / 2P
Multimodul??Steckverbinder, Raster 2,5 mm
382003 LUMBERG-382003 Datasheet
592Kb / 3P
Multimodul connectors, pitch 2.5 mm
More results


Similar Description - 38200-400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FX304 ETC-FX304 Datasheet
220Kb / 6P
C-NET AUDIO PROCESSOR
FS450 ETC2-FS450 Datasheet
240Kb / 60P
i-Net TV Interface Video Processor
logo
CML Microcircuits
FX304 CMLMICRO-FX304 Datasheet
224Kb / 6P
C-NET AUDIO PROCESSOR
logo
OPLINK Communications I...
NET-READY141 OPLINK-NET-READY141 Datasheet
2Mb / 3P
NET-Ready Optical Protection Switch
logo
NEC
SV9100 NEC-SV9100 Datasheet
494Kb / 2P
COMMUNICATIONS SERVER
SV9300 NEC-SV9300 Datasheet
551Kb / 2P
COMMUNICATIONS SERVER
SV9500 NEC-SV9500 Datasheet
1Mb / 2P
COMMUNICATIONS SERVER
logo
Harris Corporation
RT-1702 HARRIS-RT-1702 Datasheet
144Kb / 2P
VHF Combat Net Radio
logo
EnOcean GmbH.
72201R-240 ENOCEAN-72201R-240 Datasheet
665Kb / 2P
Edge Server
2022
logo
List of Unclassifed Man...
COBOX-DR1-MB ETC-COBOX-DR1-MB Datasheet
273Kb / 44P
Device Server
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com