Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTD3133 Datasheet (PDF) - Kinetic Technologies.

KTD3133 Datasheet PDF - Kinetic Technologies.
Part # KTD3133
Download  KTD3133 Download

File Size   1019.2 Kbytes
Page   24 Pages
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
Description High Efficiency 2-Channel LED Backlight Driver

KTD3133 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTD3133 Datasheet PDF - Kinetic Technologies.

Part # KTD3133
Download  KTD3133 Click to download

File Size   1019.2 Kbytes
Page   24 Pages
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
Description High Efficiency 2-Channel LED Backlight Driver

KTD3133 Datasheet (HTML) - Kinetic Technologies.


KTD3133 Product details

Features

• Wide input range: 2.7V~5.5V
• High efficiency step-up 2-Channel LED driver
• 2-Ch current sinks, up to 8-LEDs per string
 Up to 29.8mA/Ch in backlight mode
 +/-0.6% current matching at 20.2mA
 +/-1.5% current accuracy at 20.2mA
• I2C/PWM dual dimming control scheme
 11-bit I2C exponential or linear mapping with
programmable transition ramp time
 Wide range PWM dimming with programable
transition ramp time
▪ 100Hz to 100kHz frequency
▪ 0.2% to 100% duty cycle at 20kHz
• Programmable current sink turn on/off ramp
time and shape
• Selectable boost converter switching frequency
1MHz or 500kHz with 20% shift up option
• Programmable input PWM hysteresis to
minimize jitter at low PWM duty cycle
• Programmable OVP (25.9V/32V) and current
limit (1.8A/2.6A)
• LED open/short protection
• Status reporting through I2C interface
Applications

• Smartphone/Tablet Backlight

Brief Description

KTD3133 is the ideal power solution for LED backlighting
in medium to large size LCD panels. It is a highly integrated
step-up DC-DC converter operating with an input voltage
from 2.7V to 5.5V, accommodating 1-cell lithium ion
batteries or 5V supply. It includes a high voltage power
NMOS, as well as two current sinks, resulting in a simpler
and smaller solution with fewer external components. High
switching frequency allows the use of a smaller inductor
and capacitor.
Each of the two regulated current sinks can regulate up to
29.8mA in backlight mode. With a maximum of 32V at the
output of the step-up converter, each string can connect up
to 8-LED in series for a 16-LED application.
KTD3133 is equipped with I2C interface for various controls.
For additional flexibility, PWM dimming with wide range
frequency and duty cycle is included to support Content
Adaptive Brightness Control (CABC).
Various protection features are built into KTD3133,
including cycle-by-cycle inductor current limit protection,
output over-voltage protection, LED fault (open or short)
protection and thermal shutdown protection.
KTD3133 is available in a RoHS compliant 12-ball 1.19mm
x 1.64mm WLCSP or a 16-lead 3mm x 3mm x 0.75mm
Thin-QFN package.




Similar Part No. - KTD3133

ManufacturerPart #DatasheetDescription
logo
Kinetic Technologies.
KTD3134 KINETIC-KTD3134 Datasheet
1Mb / 24P
   High Efficiency 2-Channel LED Backlight with Flash Function
April 2019 - Revision 04a
KTD3134EFJ-TR KINETIC-KTD3134EFJ-TR Datasheet
1Mb / 24P
   High Efficiency 2-Channel LED Backlight with Flash Function
April 2019 - Revision 04a
KTD3134EUS-TR KINETIC-KTD3134EUS-TR Datasheet
1Mb / 24P
   High Efficiency 2-Channel LED Backlight with Flash Function
April 2019 - Revision 04a
KTD3136 KINETIC-KTD3136 Datasheet
1Mb / 24P
   High Efficiency 3-Channel LED Backlight Driver
April 2019 - Revision 04a
KTD3136EFJ-TR KINETIC-KTD3136EFJ-TR Datasheet
1Mb / 24P
   High Efficiency 3-Channel LED Backlight Driver
April 2019 - Revision 04a
More results


Similar Description - KTD3133

ManufacturerPart #DatasheetDescription
logo
Kinetic Technologies.
KTD3136 KINETIC-KTD3136 Datasheet
1Mb / 24P
   High Efficiency 3-Channel LED Backlight Driver
April 2019 - Revision 04a
logo
Richtek Technology Corp...
RT4532 RICHTEK-RT4532 Datasheet
204Kb / 12P
   High Efficiency Backlight LED Driver
RT4532 RICHTEK-RT4532_15 Datasheet
204Kb / 12P
   High Efficiency Backlight LED Driver
logo
Texas Instruments
LP8550 TI1-LP8550 Datasheet
188Kb / 6P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551 Datasheet
186Kb / 6P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8553 TI1-LP8553 Datasheet
614Kb / 40P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8545 TI1-LP8545 Datasheet
623Kb / 40P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8556 TI1-LP8556_16 Datasheet
1Mb / 63P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Tablets
LP8552 TI1-LP8552 Datasheet
571Kb / 39P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8556 TI-LP8556 Datasheet
1Mb / 52P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Tablets
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com