Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2410TD Datasheet (PDF) - Eaton All Rights Reserved.

2410TD Datasheet PDF - Eaton All Rights Reserved.
Part # 2410TD
Download  2410TD Download
File Size   1303.68 Kbytes
Page   6 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description High current time-delay SMT Brick fuse

2410TD Datasheet (PDF)

Go To PDF Page Download Datasheet
2410TD Datasheet PDF - Eaton All Rights Reserved.

Part # 2410TD
Download  2410TD Click to download

File Size   1303.68 Kbytes
Page   6 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description High current time-delay SMT Brick fuse

2410TD Datasheet (HTML) - Eaton All Rights Reserved.


2410TD Product details

Product features
• 2410 (6125 metric) surface mount package
• Time-delay
• Designed to UL248
• Overcurrent protection of systems up to
250 Vac/60 Vdc
• Current rating: 500 mA to 7.0 A
• High inrush withstand capability
• Moisture sensitivity level: (MSL): 1

Applications
• Power supplies
• Servers
• LED lighting drivers
• Appliances and white goods
• LCD monitor/backlight inverters
• Vac chip-on-board (COB) lighting
• Industrial electronics and computing




Similar Part No. - 2410TD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2410 ETC2-2410 Datasheet
395Kb / 1P
CAPTIVE PANEL SCREWS
logo
Bourns Electronic Solut...
2410 BOURNS-2410 Datasheet
158Kb / 2P
5-Pin Multi-Stage Protector (MSP)
logo
TEKTRONIX, INC.
2410 TEKTRONIX-2410 Datasheet
481Kb / 12P
Series 2400 SourceMeter SMU Instruments
logo
Heyco.
2410 HEYCO-2410 Datasheet
106Kb / 1P
Snap Bushings
logo
ASSUN MOTOR Pte Ltd.
2410 ASSUN-2410 Datasheet
253Kb / 1P
HIGH TEMPERATURE SERIES
2023-A
More results


Similar Description - 2410TD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6125TD ETC1-6125TD Datasheet
97Kb / 2P
Brick Fuses Time Delay
logo
Cooper Bussmann, Inc.
FMX-50 COOPER-FMX-50 Datasheet
88Kb / 2P
Female MAXI??Fuse Time Delay, 20-60 Amp
logo
Bel Fuse Inc.
0ADKC BEL-0ADKC Datasheet
1Mb / 4P
TIME DELAY CERAMIC TUBE FUSE SERIES
logo
Eaton All Rights Reserv...
GMF EATON-GMF Datasheet
181Kb / 2P
Non-rejecting, time-delay fuse and in-line fuse holders
1025TD EATON-1025TD Datasheet
471Kb / 2P
Time-delay surface mount fuse
3216TD EATON-3216TD Datasheet
566Kb / 2P
Time-delay Chip??surface mount fuse
6125TD EATON-6125TD Datasheet
348Kb / 2P
Time-delay surface mount fuse
logo
Bel Fuse Inc.
0ACH-9600-XX BEL-0ACH-9600-XX Datasheet
586Kb / 3P
Type 0ACH Fast Acting High Current Brick Fuse
logo
Eaton All Rights Reserv...
2410FA EATON-2410FA Datasheet
1Mb / 7P
High current fast-acting SMT Brick fuse
May 2022
2822HC EATON-2822HC Datasheet
1Mb / 6P
High current surface mount Brick fuse
February 2022
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com