Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTU1120 Datasheet (PDF) - Kinetic Technologies.

KTU1120 Datasheet PDF - Kinetic Technologies.
Part # KTU1120
Download  KTU1120 Download

File Size   147.95 Kbytes
Page   2 Pages
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
Description USB Type-C Port Protector for CC and SBU Pins

KTU1120 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTU1120 Datasheet PDF - Kinetic Technologies.

Part # KTU1120
Download  KTU1120 Click to download

File Size   147.95 Kbytes
Page   2 Pages
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
Description USB Type-C Port Protector for CC and SBU Pins

KTU1120 Datasheet (HTML) - Kinetic Technologies.

KTU1120 Datasheet HTML 1Page - Kinetic Technologies. KTU1120 Datasheet HTML 2Page - Kinetic Technologies.

KTU1120 Product details

Features

• Over-Voltage Protection
 24VDC Tolerance on CC1/2, SBU1/2
 CC1/2 OVP = 5.8V
 SBU1/2 OVP = 3.83V
 Ultra-Fast 15ns Response Time
• IEC61000-4-5 Surge Protection
 ±40V Surge Tolerance on CC1/2
 ±30V Surge Tolerance on SBU1/2
• IEC61000-4-2 ESD Protection
 ±15kV air gap on CC1/2, SBU1/2
 ±8kV contact on CC1/2, SBU1/2
 ±2kV HBM on all pins (JEDEC JS-001-2017)
• CC Switches:
 1.25A, 270mΩ, 40pF, 140MHz
 Automatic 5.1kΩ dead battery pull-down
• SBU Switches:
 3Ω, 11pF, 800MHz
• 2.5V to 5.5V Operating Supply Voltage Range
• -40°C to 85°C Operating Temperature Range
• 16-bump WLCSP 1.7mmx1.7mm (0.4mm pitch)
• RoHS and Green Compliant

Brief Description

The KTU1120 provides four conducting paths with overvoltage
protection (OVP) for USB Type-C, CC, and SBU
signals. Once an over-voltage event is detected, it will
shut down all paths to protect circuits in system side, like
PD controller from damage.
All the SBU and CC switches have very low oncapacitance
for broad bandwidth to allow high-speed
signal passing through without loss. The CC1/2 switches
have low on-resistance for passing VCONN power up to
1.25A.
During dead battery conditions, internal 5.1kΩ resistors
automatically pull down on CC1/2 to ensure that the upstream
source provides 5V on VBUS.
The KTU1120 is packaged in RoHS and Green
compliant 16-bump WLCSP 1.7mmx1.7mm package.

Applications

• Notebook PCs, Netbooks, Tablets, Monitors, TVs
• Gaming Devices, Set-Top Boxes, Networking




Similar Part No. - KTU1120

ManufacturerPart #DatasheetDescription
logo
Kinetic Technologies.
KTU1121 KINETIC-KTU1121 Datasheet
704Kb / 19P
   USB Type-C Port Protector for CC and SBU Pins
December 2021 - Revision 04b
KTU1121A KINETIC-KTU1121A Datasheet
705Kb / 19P
   USB Type-C Port Protector for CC and SBU Pins
March 2022 - Revision 04a
KTU1121AEGAB-TA KINETIC-KTU1121AEGAB-TA Datasheet
705Kb / 19P
   USB Type-C Port Protector for CC and SBU Pins
March 2022 - Revision 04a
KTU1121AEUAJ-TD KINETIC-KTU1121AEUAJ-TD Datasheet
705Kb / 19P
   USB Type-C Port Protector for CC and SBU Pins
March 2022 - Revision 04a
KTU1121EGAB-TA KINETIC-KTU1121EGAB-TA Datasheet
704Kb / 19P
   USB Type-C Port Protector for CC and SBU Pins
December 2021 - Revision 04b
More results


Similar Description - KTU1120

ManufacturerPart #DatasheetDescription
logo
Kinetic Technologies.
KTU1121A KINETIC-KTU1121A Datasheet
705Kb / 19P
   USB Type-C Port Protector for CC and SBU Pins
March 2022 - Revision 04a
KTU1101 KINETIC-KTU1101 Datasheet
935Kb / 15P
   USB Type-C Port Protector for CC and SBU Pins
December 2020 - Revision 04c
KTU1121 KINETIC-KTU1121 Datasheet
704Kb / 19P
   USB Type-C Port Protector for CC and SBU Pins
December 2021 - Revision 04b
KTU1131 KINETIC-KTU1131 Datasheet
571Kb / 15P
   USB Type-C Port Protector for CC, SBU and D/- Pins
May 2022 - Revision 04d
KTU1108 KINETIC-KTU1108 Datasheet
576Kb / 12P
   USB Type-C Protector for CC Pins
July 2020 - Revision 04c
logo
NXP Semiconductors
NX20P0407 NXP-NX20P0407 Datasheet
496Kb / 18P
   USB Type-C CC and SBU Protection IC
Rev. 1.3 ??22 August 2019
logo
Diodes Incorporated
DPO2036 DIODES-DPO2036 Datasheet
1Mb / 14P
   4-CH OVER-VOLTAGE PROTECTION FOR CC/SBU PINS ON USB TYPE-C
July 2020
logo
ON Semiconductor
FUSB251 ONSEMI-FUSB251 Datasheet
322Kb / 19P
   Type-C CC and SBU Protection IC
February, 2019 ??Rev. 0
logo
Texas Instruments
TPD2S300 TI1-TPD2S300 Datasheet
1Mb / 37P
[Old version datasheet]   USB Type C Short-to-VBUS and IEC ESD Protector for the CC Pins
logo
Will Semiconductor Ltd.
WS3219Q WILLSEMI-WS3219Q Datasheet
1Mb / 15P
   USB Type-C Port Protection Switch For CC and High Speed Digital (SBU or D/D-) Port
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com