Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A2541A-TP2 Datasheet (PDF) - CoolCox Limited All rights reserved.

A2541A-TP2 Datasheet PDF - CoolCox Limited All rights reserved.
Part # A2541A-TP2
Download  A2541A-TP2 Download

File Size   3023.27 Kbytes
Page   14 Pages
Manufacturer  COOLCOX [CoolCox Limited All rights reserved.]
Direct Link  http://www.coolcox.com/
Logo COOLCOX - CoolCox Limited All rights reserved.
Description 40 x 40 x 10mm High Quality DC Fan

A2541A-TP2 Datasheet (PDF)

Go To PDF Page Download Datasheet
A2541A-TP2 Datasheet PDF - CoolCox Limited All rights reserved.

Part # A2541A-TP2
Download  A2541A-TP2 Click to download

File Size   3023.27 Kbytes
Page   14 Pages
Manufacturer  COOLCOX [CoolCox Limited All rights reserved.]
Direct Link  http://www.coolcox.com/
Logo COOLCOX - CoolCox Limited All rights reserved.
Description 40 x 40 x 10mm High Quality DC Fan

A2541A-TP2 Datasheet (HTML) - CoolCox Limited All rights reserved.

Back Button A2541A-TP2 Datasheet HTML 1Page - CoolCox Limited All rights reserved. A2541A-TP2 Datasheet HTML 2Page - CoolCox Limited All rights reserved. A2541A-TP2 Datasheet HTML 3Page - CoolCox Limited All rights reserved. A2541A-TP2 Datasheet HTML 4Page - CoolCox Limited All rights reserved. A2541A-TP2 Datasheet HTML 5Page - CoolCox Limited All rights reserved. A2541A-TP2 Datasheet HTML 6Page - CoolCox Limited All rights reserved. A2541A-TP2 Datasheet HTML 7Page - CoolCox Limited All rights reserved. A2541A-TP2 Datasheet HTML 8Page - CoolCox Limited All rights reserved. A2541A-TP2 Datasheet HTML 9Page - CoolCox Limited All rights reserved. A2541A-TP2 Datasheet HTML 10Page - CoolCox Limited All rights reserved. Next Button 

A2541A-TP2 Product details

Features:
-40mm fans are great for cooling a Northbridge and Southbridge
-Two bearing system selection, sleeve or 1 ball 1 sleeve
-Low noise Easy to connect
-Our 40mm fans are perfect for any space-limited cooling needs




Similar Part No. - A2541A-TP2

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
A2541E24A ANAREN-A2541E24A Datasheet
914Kb / 2P
   Anaren Integrated Radio
A2541R24A-ADB1 ANAREN-A2541R24A-ADB1 Datasheet
1Mb / 2P
   Anaren Integrated Radio
More results


Similar Description - A2541A-TP2

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD4010 ORIONFANS-OD4010_16 Datasheet
282Kb / 1P
   DC Fan - 5, 12, 24V 40 x 10mm (1.58??x 0.39??
logo
NTE Electronics
77-4010D12 NTE-77-4010D12 Datasheet
266Kb / 1P
   Fan, DC Types, 40 x 40mm
logo
ORION FANS
OD2510 ORIONFANS-OD2510_16 Datasheet
1Mb / 3P
   DC Fan - 5V, 12V 25 x 10mm (1.0 x .39in)
OD2510-05H ORIONFANS-OD2510-05H Datasheet
2Mb / 3P
   DC Fan - 5V, 12V 25 x 10mm (1.0 x .39in)
logo
List of Unclassifed Man...
420J ETC2-420J Datasheet
221Kb / 1P
   DC axial fans Series 420 J 40 x 40 x 28 mm
logo
Torex Semiconductor
QFN0404-24C TOREX-QFN0404-24C Datasheet
205Kb / 3P
   40 x 40 mm (1600mm2)
logo
List of Unclassifed Man...
9GA0412P7G001 ETC2-9GA0412P7G001 Datasheet
111Kb / 2P
   DC Fan San Ace 40
109P0405H901 ETC2-109P0405H901_14 Datasheet
96Kb / 2P
   DC Fan San Ace 40
9GE0412P3K03 ETC2-9GE0412P3K03 Datasheet
127Kb / 2P
   DC Fan San Ace 40
89830011 ETC2-89830011 Datasheet
96Kb / 1P
   4 x M5 at 90째, depth 10mm and 40 mm diameter
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com